Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271UV14Z-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9271UV14Z-2.7
Description  Single, Digitally Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271UV14Z-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9271UV14Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9271UV14Z-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN8174.4
July 18, 2014
Submit Document Feedback
FIGURE 3. THREE-BYTE INSTRUCTION SEQUENCE (READ)
FIGURE 4. TWO-BYTE INSTRUCTION SEQUENCE
FIGURE 5. INCREMENT/DECREMENT INSTRUCTION SEQUENCE
01
0
1
A1 A0
I3
I2
I1 I0
RB RA
P0
SCL
SI
D7 D6 D5 D4 D3 D2 D1 D0
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/Bank
Address
00
P1
WCR[7:0] valid only when P1 = P0 = 0;
S0
X
X
X
XX
XX
X
Don’t Care
or
Data Register Bit [7:0] for all values of P1 and P0
ID3 ID2 ID1 ID0
0
A1 A0
I3
I2
I1
RB RA
P0
SCK
SI
CS
010
1
Device ID
Internal
Instruction
Opcode
Address
Register
0
I0
0
P1
Address
Pot/Bank
Address
0
0
These commands only valid when P1 = P0 = 0
0
01
0
1
A1 A0
I3
I2
I1 I0
RA RB
P0
SCL
SI
CS
00
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/Bank
Address
00
P1
0
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
0
X9271


Similar Part No. - X9271UV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271UV14Z-2.7 INTERSIL-X9271UV14Z-2.7 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9271UV14Z-2.7 RENESAS-X9271UV14Z-2.7 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9271UV14Z-2.7T1 RENESAS-X9271UV14Z-2.7T1 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9271UV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com