Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AUPZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9241AUPZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AUPZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9241AUPZ Datasheet HTML 1Page - Intersil Corporation X9241AUPZ Datasheet HTML 2Page - Intersil Corporation X9241AUPZ Datasheet HTML 3Page - Intersil Corporation X9241AUPZ Datasheet HTML 4Page - Intersil Corporation X9241AUPZ Datasheet HTML 5Page - Intersil Corporation X9241AUPZ Datasheet HTML 6Page - Intersil Corporation X9241AUPZ Datasheet HTML 7Page - Intersil Corporation X9241AUPZ Datasheet HTML 8Page - Intersil Corporation X9241AUPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN8164.7
August 17, 2015
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
X9241AMPZ (Note)
(No longer available,
recommended
replacement:
X9241AMSZT1)
X9241AMPZ
5 ±10%
2/10/50
Pot 0 = 2k
Pot 1 = 10k
Pot 2 = 10k
Pot 3 = 50k
0 to +70
20 Ld PDIP***
X9241AMPIZ (Note)
(No longer available,
recommended
replacement:
X9241AMSZT1)
X9241AMPIZ
-40 to +85
20 Ld PDIP***
X9241AMSZ* (Note)
X9241AMS Z
0 to +70
20 Ld SOIC
X9241AMSIZ* (Note)
X9241AMSI Z
-40 to +85
20 Ld SOIC
X9241AMVZ (Note)
X9241AM VZ
0 to +70
20 Ld TSSOP
X9241AMVIZ* (Note)
X9241AM VIZ
-40 to +85
20 Ld TSSOP
X9241AWPIZ (Note)
X9241AWPIZ
10
Pot 0 = 10k
Pot 1 = 10k
Pot 2 = 10k
Pot 3 = 10k
0 to +70
20 Ld PDIP
X9241AWSZ* (Note)
X9241AWS Z
0 to +70
20 Ld SOIC
X9241AWSIZ* (Note)
X9241AWSI Z
-40 to +85
20 Ld SOIC
X9241AWVZ* (Note)
X9241AW VZ
0 to +70
20 Ld TSSOP
X9241AWVIZ* (Note)
X9241AW VIZ
-40 to +85
20 Ld TSSOP
X9241AYPZ (Note)
(No longer available,
recommended
replacement: X9241AYSIZ)
X9241AYPZ
2
Pot 0 = 2k
Pot 1 = 2k
Pot 2 = 2k
Pot 3 = 2k
0 to +70
20 Ld PDIP***
X9241AYSZ* (Note)
X9241AYS Z
0 to +70
20 Ld SOIC
X9241AYSIZ* (Note)
X9241AYSI Z
-40 to +85
20 Ld SOIC
X9241AYVZ (Note)
(No longer available,
recommended
replacement: X9241AYVIZ)
X9241AY VZ
0 to +70
20 Ld TSSOP
X9241AYVIZ* (Note)
X9241AY VIZ
-40 to +85
20 Ld TSSOP
X9241AUPZ (Note)
X9241AUPZ
5 ±10%
50
Pot 0 = 50k
Pot 1 = 50k
Pot 2 = 50k
Pot 3 = 50k
0 to +70
20 Ld PDIP***
X9241AUPIZ (Note)
X9241AUPIZ
-40 to +85
20 Ld PDIP***
X9241AUSZ* (Note)
X9241AUS Z
0 to +70
20 Ld SOIC
X9241AUSIZ* (Note)
X9241AUSI Z
-40 to +85
20 Ld SOIC
X9241AUVZ* (Note)
(No longer available,
recommended
replacement:
X9241AUSZT1)
X9241AU VZ
0 to +70
20 Ld TSSOP
X9241AUVIZ* (Note)
X9241AU VIZ
-40 to +85
20 Ld TSSOP
*Add "T1" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
X9241A


Similar Part No. - X9241AUPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AUPZ INTERSIL-X9241AUPZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AUPZ INTERSIL-X9241AUPZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241AUPZ RENESAS-X9241AUPZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AUPZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Microchip Technology
AN560 MICROCHIP-AN560 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com