Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AUSZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9241AUSZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AUSZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9241AUSZ Datasheet HTML 1Page - Intersil Corporation X9241AUSZ Datasheet HTML 2Page - Intersil Corporation X9241AUSZ Datasheet HTML 3Page - Intersil Corporation X9241AUSZ Datasheet HTML 4Page - Intersil Corporation X9241AUSZ Datasheet HTML 5Page - Intersil Corporation X9241AUSZ Datasheet HTML 6Page - Intersil Corporation X9241AUSZ Datasheet HTML 7Page - Intersil Corporation X9241AUSZ Datasheet HTML 8Page - Intersil Corporation X9241AUSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN8164.7
August 17, 2015
of the wiper to this action will be delayed tSTPWV. A transfer
from WCR current wiper position to a Data Register is a write
to nonvolatile memory and takes a minimum of tWR to
complete. The transfer can occur between one of the four
potentiometers and one of its associated registers; or it may
occur globally, wherein the transfer occurs between all four of
the potentiometers and one of their associated registers.
Four instructions require a three-byte sequence to complete.
These instructions transfer data between the host and the
X9241A; either between the host and one of the Data
Registers or directly between the host and the WCR. These
instructions are: Read WCR, read the current wiper position
of the selected pot; Write WCR, change current wiper
position of the selected pot; Read Data Register, read the
contents of the selected nonvolatile register; Write Data
Register, write a new value to the selected Data Register.
The sequence of operations is shown in Figure 4.
The Increment/Decrement command is different from the
other commands. Once the command is issued and the
X9241A has responded with an acknowledge, the master
can clock the selected wiper up and/or down in one segment
steps; thereby, providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH, the
selected wiper will move one resistor segment towards the
VH/RH terminal. Similarly, for each SCL clock pulse while
SDA is LOW, the selected wiper will move one resistor
segment towards the VL/RL terminal. A detailed illustration
of the sequence and timing for this operation is shown in
Figures 5 and 6 respectively.
S
T
A
R
T
0101
A3
A2
A1
A0
A
I3
I2
I1
I0
P1
P0
R1
R0
SCL
SDA
S
T
O
P
C
K
A
C
K
FIGURE 3. TWO-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3 A2 A1 A0
A
I3
I2
I1
I0
P1 P0 R1 R0
SCL
SDA
S
T
O
P
CM DW D5 D4 D3 D2
D1 D0
C
K
A
C
K
A
C
K
FIGURE 4. THREE-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3
A2A1A0
I3
I2
I1
I0
P1 P0
R1 R0
SCL
SDA
S
T
O
P
X
X
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
A
C
K
A
C
K
FIGURE 5. INCREMENT/DECREMENT INSTRUCTION SEQUENCE
X9241A


Similar Part No. - X9241AUSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AUSZ INTERSIL-X9241AUSZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AUSZ INTERSIL-X9241AUSZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241AUSZ RENESAS-X9241AUSZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AUSZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Microchip Technology
AN560 MICROCHIP-AN560 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com