Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315TSIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9315TSIZ
Description  Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315TSIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9315TSIZ Datasheet HTML 1Page - Intersil Corporation X9315TSIZ Datasheet HTML 2Page - Intersil Corporation X9315TSIZ Datasheet HTML 3Page - Intersil Corporation X9315TSIZ Datasheet HTML 4Page - Intersil Corporation X9315TSIZ Datasheet HTML 5Page - Intersil Corporation X9315TSIZ Datasheet HTML 6Page - Intersil Corporation X9315TSIZ Datasheet HTML 7Page - Intersil Corporation X9315TSIZ Datasheet HTML 8Page - Intersil Corporation X9315TSIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN8179.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9315
Low Noise, Low Power, 32 Taps
Digitally Controlled Potentiometer
(XDCP™)
The Intersil X9315 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Control
• Parameter Adjustments
• Signal Processing
Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 31 resistive elements
- Temperature compensated
- End to end resistance range ± 20%
- Terminal voltage, 0 to VCC
• Low power CMOS
-VCC = 2.7V or 5V
- Active current, 80/400µA max.
- Standby current, 5µA max.
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL values = 10kΩ, 50kΩ, 100kΩ
• Packages
- 8 Ld SOIC, MSOP and PDIP
• Pb-free available (RoHS compliant)
Block Diagram
5-Bit
Up/Down
Counter
5-Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
One
of
Decoder
Resistor
Array
RH/VH
U/D
INC
CS
Transfer
Gates
Thirty
VCC
VSS
RL/VL
RW/VW
Control
and
Memory
Up/Down
(U/D)
Increment
(INC)
Device Select
(CS)
VCC (Supply Voltage)
VSS (Ground)
RH/VH
RW/VW
RL/VL
General
Detailed
0
1
2
28
29
30
31
Two
Data Sheet
December 21, 2009


Similar Part No. - X9315TSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315TSIZ INTERSIL-X9315TSIZ Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9315TSIZ RENESAS-X9315TSIZ Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315TSIZ-2.7 INTERSIL-X9315TSIZ-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9315TSIZ-2.7 RENESAS-X9315TSIZ-2.7 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315TSIZ-2.7T1 RENESAS-X9315TSIZ-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315TSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com