Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9318WS8IZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9318WS8IZ
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9318WS8IZ Datasheet(HTML) 4 Page - Intersil Corporation

  X9318WS8IZ Datasheet HTML 1Page - Intersil Corporation X9318WS8IZ Datasheet HTML 2Page - Intersil Corporation X9318WS8IZ Datasheet HTML 3Page - Intersil Corporation X9318WS8IZ Datasheet HTML 4Page - Intersil Corporation X9318WS8IZ Datasheet HTML 5Page - Intersil Corporation X9318WS8IZ Datasheet HTML 6Page - Intersil Corporation X9318WS8IZ Datasheet HTML 7Page - Intersil Corporation X9318WS8IZ Datasheet HTML 8Page - Intersil Corporation X9318WS8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN8184.1
September 14, 2005
D.C. OPERATING CHARACTERISTICS
(VCC = 5V ± 10%, TA = Full Operating Temperature Range unless otherwise stated)
ENDURANCE AND DATA RETENTION
(VCC = 5V ± 10%, TA = Full Operating Temperature Range)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [V(RW(n)(actual)) - V(RW(n)(expected))]/MI
V(RW(n)(expected)) = n(V(RH) - V(RL))/99 + V(RL), with n from 0 to 99.
(2) Relative linearity is a measure of the error in step size between taps = [V(RW(n+1)) - (V(RW(n)) - MI)]/MI
(3) 1 Ml = Minimum Increment = [V(RH) - V(RL)]/99.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is not 100% tested.
(6) Ratiometric temperature coefficient = (V(RW)T1(n) - V(RW)T2(n))/[V(RW)T1(n)(T1 - T2) x 10
6], with T1 & T2 being 2 temperatures, and n
from 0 to 99.
(7) Measured with wiper at tap position 31, RL grounded, using test circuit.
A.C. CONDITIONS OF TEST
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(4)
Max.
ICC
VCC active current (Increment)
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ min. tCYC
RL, RH, RW not connected
ISB
Standby supply current
300
1000
µA
CS
≥ 2.4V, U/D and INC =0.4V
RL, RH, RW not connected
ILI
CS, INC, U/D input leakage current
-10
+10
µA
VIN = VSS to VCC
VIH
CS, INC, U/D input HIGH voltage
2
VCC + 1
V
VIL
CS, INC, U/D input LOW voltage
-1
0.8
V
CIN(5)
CS, INC, U/D input capacitance
10
pF
VCC = 5V, VIN = VSS, TA = 25°C,
f = 1MHz
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Test Circuit
Equivalent Circuit
Force
Current
Test Point
RW
CH
CL
RW
10pF
10pF
RTOTAL
CW
25pF
RH
RL
Input pulse levels
0.8V to 2.0V
Input rise and fall times
10ns
Input reference levels
1.4V
X9318


Similar Part No. - X9318WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9318WS8IZ INTERSIL-X9318WS8IZ Datasheet
243Kb / 10P
   Digitally Controlled Potwntiometer(XSCP)
logo
Renesas Technology Corp
X9318WS8IZ RENESAS-X9318WS8IZ Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9318WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com