Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9318WS8IZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9318WS8IZ
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9318WS8IZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9318WS8IZ Datasheet HTML 1Page - Intersil Corporation X9318WS8IZ Datasheet HTML 2Page - Intersil Corporation X9318WS8IZ Datasheet HTML 3Page - Intersil Corporation X9318WS8IZ Datasheet HTML 4Page - Intersil Corporation X9318WS8IZ Datasheet HTML 5Page - Intersil Corporation X9318WS8IZ Datasheet HTML 6Page - Intersil Corporation X9318WS8IZ Datasheet HTML 7Page - Intersil Corporation X9318WS8IZ Datasheet HTML 8Page - Intersil Corporation X9318WS8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN8184.1
September 14, 2005
PIN DESCRIPTIONS
Ordering Information
PART NUMBER
PART MARKING
RTOTAL (kΩ)
TEMP RANGE (°C)
PACKAGE
X9318WP8
X9318WP
10
0 to 70
8 Ld PDIP
X9318WP8I
X9318WP I
-40 to 85
8 Ld PDIP
X9318WS8*
X9318W
0 to 70
8 Ld SOIC (150 mil)
X9318WS8Z* (Note)
X9318W Z
0 to 70
8 Ld SOIC (150 mil) (Pb-free)
X9318WS8I*
X9318W I
-40 to 85
8 Ld SOIC (150 mil)
X9318WS8IZ* (Note)
X9318W Z I
-40 to 85
8 Ld SOIC (150 mil) (Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
DIP/SOIC
Symbol
Brief Description
1INC
Increment. Toggling INC while CS is low moves the wiper either up or down.
2U/D
Up/Down. The U/D input controls the direction of the wiper movement.
3RH
The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
4VSS
Ground.
5R
W
The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer.
6
RL
The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
7CS
Chip Select. The device is selected when the CS input is LOW, and de-selected when CS is high.
8VCC
Supply Voltage.
X9318


Similar Part No. - X9318WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9318WS8IZ INTERSIL-X9318WS8IZ Datasheet
243Kb / 10P
   Digitally Controlled Potwntiometer(XSCP)
logo
Renesas Technology Corp
X9318WS8IZ RENESAS-X9318WS8IZ Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9318WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com