Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317US8IZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9317US8IZ
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317US8IZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9317US8IZ Datasheet HTML 1Page - Intersil Corporation X9317US8IZ Datasheet HTML 2Page - Intersil Corporation X9317US8IZ Datasheet HTML 3Page - Intersil Corporation X9317US8IZ Datasheet HTML 4Page - Intersil Corporation X9317US8IZ Datasheet HTML 5Page - Intersil Corporation X9317US8IZ Datasheet HTML 6Page - Intersil Corporation X9317US8IZ Datasheet HTML 7Page - Intersil Corporation X9317US8IZ Datasheet HTML 8Page - Intersil Corporation X9317US8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
DATASHEET
Low Noise, Low Power, 100 Taps, Digitally Controlled
Potentiometer (XDCP™)
X9317
The Intersil X9317 is a digitally controlled potentiometer
(XDCP™). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The wiper
position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs. The
position of the wiper can be stored in nonvolatile memory and
then be recalled upon a subsequent power-up operation.
The device can be used as a three-terminal potentiometer for
voltage control or as a two-terminal variable resistor for current
control in a wide variety of applications.
Applications
•LCD bias control
• DC bias adjustment
• Gain and offset trim
• Laser diode bias control
• Voltage regulator output control
Features
• Solid-state potentiometer
• 3-wire serial up/down interface
• 100 wiper tap points
- Wiper position stored in nonvolatile memory and recalled
on power-up
• 99 resistive elements
- Temperature compensated
- End-to-end resistance range ±20%
•Low power CMOS
-VCC = 2.7V to 5.5V, and 5V ±10%
- Standby current <5µA
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL values = 10kΩ, 50kΩ, 100kΩ
•Packages
- 8 Ld SOIC, TSSOP, and MSOP
• Pb-free (RoHS compliant)
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
ONE
DECODER
RESISTOR
ARRAY
RH
U/D
INC
CS
WIPER
SWITCHES
HUNDRED
VCC
VSS
RL
RW
CONTROL
AND
MEMORY
UP/DOWN
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH
RW
RL
GENERAL
DETAILED
0
1
2
96
97
98
99
FIGURE 1. BLOCK DIAGRAM
November 4, 2014
FN8183.9
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2004, 2005, 2008, 2009, 2012, 2014. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - X9317US8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317US8IZ INTERSIL-X9317US8IZ Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317US8IZ INTERSIL-X9317US8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9317US8IZ RENESAS-X9317US8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317US8IZ-2.7 INTERSIL-X9317US8IZ-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317US8IZ-2.7 INTERSIL-X9317US8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317US8IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com