Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9401WS24Z-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9401WS24Z-2.7
Description  Quad, 64 Tap, Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WS24Z-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9401WS24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 13Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 14Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8190.5
September 14, 2015
Power-up and Down Requirements
The are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the poten-
tiometer pins provided that VCC is always more positive than
or equal to VH, VL, and VW, i.e., VCC VH, VL, VW.
The VCC power-up spec is always in effect.
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC Limits)
X9401 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
X9401-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Voltage on SCK, SCL or any address input
with respect to VSS: . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
V = |(VH–VL)|. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65
C to +135C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Analog Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITION
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
RTOTAL
End to End resistance Tolerance
-20
+20
%
Power Rating
+25°C, each pot
50
mW
IW
Wiper Current
-6
+6
mA
RW
Wiper Resistance
IW = (VH - VL)/RTOTAL VCC = 5V
150
500
VTERM
Voltage on any VH or VL Pin
VSS
VCC
V
Noise
Ref: 1kHz
-120
dBV
Resolution
1.6
%
Absolute Linearity (Note 7)
VW(n)(actual) - VW(n)(expected)
-1
+1
MI
(Note 9)
Relative Linearity (Note 8)
Vw(n+1) - [Vw(n)+ MI]
-0.2
+0.2
MI
(Note 9)
Temperature Coefficient of RTOTAL
V(RH) = VCC, V(RL) = VSS
300
ppm/°C
Ratiometric Temperature Coefficient
20
ppm/°C
CH/CL/CW
Potentiometer Capacitances
See Macro model
10/10/25
pF
IAL
RH, RL, RW Leakage Current
VIN = VSS Device is in Stand-by mode.
0.1
10
µA
NOTES:
7. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
8. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is
a measure of the error in step size.
9. MI = RTOT/63 or (VH - VL)/63, single pot.
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
X9401


Similar Part No. - X9401WS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24Z-2.7 INTERSIL-X9401WS24Z-2.7 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24Z-2.7 INTERSIL-X9401WS24Z-2.7 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9401WS24Z-2.7 RENESAS-X9401WS24Z-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9401WS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com