Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408WS24I-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9408WS24I-2.7
Description  Quad Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408WS24I-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9408WS24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN8191.4
January 15, 2009
The Increment/Decrement command is different from the
other commands. Once the command is issued and the
X9408 has responded with an acknowledge, the master can
clock the selected wiper up and/or down in one segment
steps; thereby, providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH, the
selected wiper will move one resistor segment towards the
RH terminal. Similarly, for each SCL clock pulse while SDA is
LOW, the selected wiper will move one resistor segment
towards the RL terminal. A detailed illustration of the
sequence and timing for this operation are shown in Figures
5 and 6 respectively.
TABLE 1. INSTRUCTION SET
NOTE: (7)1/0 = data is one or zero
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
R1
R0
P1
P0
Read Wiper CounterRegister
1
0
0
1
0
0
P1
P0
Read the contents of the Wiper Counter Register pointed to by
P1 - P0
Write Wiper CounterRegister
1
0
1
0
0
0
P1
P0
Write new value to the Wiper Counter Register pointed to by P1 - P0
Read Data Register
1
0
1
1
R1
R0
P1
P0
Read the contents of the Data Register pointed to by P1 - P0 and
R1 - R0
Write Data Register
1
1
0
0
R1
R0
P1
P0
Write new value to the Data Register pointed to by
P1 - P0 and R1 - R0
XFR Data Register to Wiper
Counter Register
11
0
1
R1
R0
P1
P0
Transfer the contents of the Data Register pointed to by P1 - P0
and R1 - R0 to its associated Wiper Counter Register
XFR Wiper Counter Register
to Data Register
11
1
0
R1
R0
P1
P0
Transfer the contents of the Wiper Counter Register pointed to by
P1 - P0 to the Data Register pointed to by R1 - R0
Global XFR Data Registers
to Wiper Counter Registers
00
0
1
R1
R0
0
0
Transfer the contents of the Data Registers pointed to by R1 - R0
of all four pots to their respective Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
10
0
0
R1
R0
0
0
Transfer the contents of both Wiper Counter Registers to their
respective Data Registers pointed to by
R1 - R0 of all four pots
Increment/Decrement Wiper
Counter Register
00
1
0
0
0
P1
P0
Enable Increment/decrement of the Wiper Counter Register
pointed to by P1 - P0
S
T
A
R
T
0
1
0
1
A3 A2 A1 A0
A
C
K
I3
I2
I1
I0
R1 R0 P1 P0
A
C
K
SCL
SDA
S
T
O
P
A
C
K
0
0
D5 D4
D3 D2
D1 D0
FIGURE 4. THREE-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3
A2
A1
A0
A
C
K
I3
I2
I1
I0
R0
P1
P0
A
C
K
SCL
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
FIGURE 5. INCREMENT/DECREMENT INSTRUCTION SEQUENCE
X9408


Similar Part No. - X9408WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408WS24I-2.7 INTERSIL-X9408WS24I-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Renesas Technology Corp
X9408WS24I-2.7 RENESAS-X9408WS24I-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com