Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408WV24I-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9408WV24I-2.7
Description  Quad Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408WV24I-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9408WV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 11Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 12Page - Intersil Corporation X9408WV24I-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8191.4
January 15, 2009
One 6-bit Wiper Counter Register for each XDCP. (Four 6-bit
registers in total.)
{D5~D0}: These bits specify the wiper position of the
respective XDCP. The Wiper Counter Register is loaded on
power-up by the value in Data Register 0. The contents of
the WCR can be loaded from any of the other Data Register
or directly. The contents of the WCR can be saved in a DR.
Instruction Format
NOTES:
1. “MACK”/”SACK”: stands for the acknowledge sent by the master/slave.
2. “A3 ~ A0”: stands for the device addresses sent by the master.
3. “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
4. “I”: stands for the increment operation, SDA held high during
active SCL phase (high).
5. “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
XFR Data Register (DR) to Wiper Counter Register (WCR)
TABLE 3.
WIPER COUNTER REGISTER, (6-BIT), VOLATILE
WP5
WP4
WP3
WP2
WP1
WP0
VVVVVV
(MSB)
(LSB)
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
WCR
ADDRESSES
S
A
C
K
WIPER POSITION
(SENT BY SLAVE ON SDA)
M
A
C
K
S
T
O
P
0
1
0
1
A3
A2
A1
A0
1
0
0
1
0
0
P1
P0
0
0
WP
5
WP
4
WP
3
WP
2
WP
1
WP
0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
WCR
ADDRESSES
S
A
C
K
WIPER POSITION
(SENT BY MASTER ON SDA)
S
A
C
K
S
T
O
P
0
1
0
1
A3
A2
A1
A0
1010
0
0
P1
P0
0
0
W
P5
W
P4
W
P3
W
P2
W
P1
W
P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
WIPER POSITION/DATA
(SENT BY SLAVE ON SDA)
M
A
C
K
S
T
O
P
0
1
0
1
A3
A2
A1
A0
1011
R1
R0
P1
P0
0
0
W
P5
W
P4
W
P3
W
P2
W
P1
W
P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
WIPER POSITION/DATA
(SENT BY MASTER ON SDA)
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1
A3
A2
A1
A0
1100
R1 R0 P1
P0
00
W
P5
W
P4
W
P3
W
P2
W
P1
W
P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
S
T
O
P
0101
A3
A2
A1
A0
1
1
0
1
R1
R0
P1
P0
X9408


Similar Part No. - X9408WV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408WV24I-2.7 INTERSIL-X9408WV24I-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Renesas Technology Corp
X9408WV24I-2.7 RENESAS-X9408WV24I-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408WV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com