Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TIP127
Description  PNP EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP127 Datasheet(HTML) 3 Page - Unisonic Technologies

  TIP127_15 Datasheet HTML 1Page - Unisonic Technologies TIP127_15 Datasheet HTML 2Page - Unisonic Technologies TIP127_15 Datasheet HTML 3Page - Unisonic Technologies TIP127_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIP127
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-005. I
TYPICAL CHARACTERISTICS
0 20
20
40
40 60 80 100 120 140
Case Temperature, TA (°C)
0
60
80
Power Dissipation vs. Case
Temperature
160
TO-220
TO-220F
TO-126


Similar Part No. - TIP127_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP127-BP MCC-TIP127-BP Datasheet
163Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
JILIN SINO-MICROELECTRO...
TIP127-O-C-N-B JSMC-TIP127-O-C-N-B Datasheet
211Kb / 5P
   Engine ignition
logo
First Components Intern...
TIP127A FCI-TIP127A Datasheet
107Kb / 2P
   TIP127A PNP Epitaxial Silicon Transistor
logo
Shenzhen Tuofeng Semico...
TIP127A TUOFENG-TIP127A Datasheet
4Mb / 2P
   PNP Darlington Transistors
logo
Inchange Semiconductor ...
TIP127B ISC-TIP127B Datasheet
273Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - TIP127_15

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com