Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E336 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E336
Description  3-BIT REGISTERED BUS TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E336 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E336 Datasheet HTML 1Page - Micrel Semiconductor SY10E336 Datasheet HTML 2Page - Micrel Semiconductor SY10E336 Datasheet HTML 3Page - Micrel Semiconductor SY10E336 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E336
SY100E336
Micrel
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
VCUT
Cut-off Output Voltage
–2.10
—–2.03 –2.10
—–2.03 –2.10
—–2.03
V
1
IIH
Input HIGH Current
µA
RXEN
——
225
——
225
——
225
All Other Inputs
——
150
——
150
——
150
IEE
Power Supply Current
mA
10E
125
150
125
150
125
150
100E
125
150
125
150
144
173
NOTE:
1. Measured with VTT = –2.10V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
CLK to Q
500
700
1000
500
700
1000
500
700
1000
CLK to BUS
825
1250 1800
825
1250
1800
825
1250
1800
tS
Set-up Time
ps
BUS, RXEN
150
–150
150
–150
150
–150
BUSEN
100
–200
100
–200
100
–200
A, B Data
300
–50
300
–50
300
–50
TEN
450
150
450
150
450
150
tH
Hold Time
ps
BUS, RXEN
450
150
450
150
450
150
BUSEN
500
200
500
200
500
200
A, B Data
350
50
350
50
350
50
TEN
200
–150
200
–150
200
–150
tPW
Minimum Pulse Width, CLK
400
——
400
——
400
——
ps
tr
Rise/Fall Time
ps
tf
20% to 80% (Qn)
300
450
700
300
450
700
300
450
700
20% to 80% (BUSn Rise)
500
800
1000
500
800
1000
500
800
1000
20% to 80% (BUSn Fall)
300
500
800
300
500
800
300
500
800
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E336JC
J28-1
Commercial
SY10E336JCTR
J28-1
Commercial
SY100E336JC
J28-1
Commercial
SY100E336JCTR
J28-1
Commercial


Similar Part No. - SY10E336

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JC MICREL-SY10E336JC Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JCTR MICREL-SY10E336JCTR Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JZ MICREL-SY10E336JZ Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY10E336JZTR MICREL-SY10E336JZTR Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
More results

Similar Description - SY10E336

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com