Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7907-55AIE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK7907-55AIE
Description  N-channel TrenchPLUS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7907-55AIE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK7907-55AIE_15 Datasheet HTML 4Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 5Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 6Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 7Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 8Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 9Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 10Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 11Page - NXP Semiconductors BUK7907-55AIE_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BUK7907-55AIE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
8 of 14
NXP Semiconductors
BUK7907-55AIE
N-channel TrenchPLUS standard level FET
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
03ni67
0
2
4
6
8
10
12
0
20
40
60
80
100
120
ID (A)
RDSon
(m
Ω)
7
8
6
10
6.5
VGS (V) = 5.5
03ne89
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a
Tj (°C)
−60
180
120
060
03aa32
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max


Similar Part No. - BUK7907-55AIE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7907-55AIE PHILIPS-BUK7907-55AIE Datasheet
143Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-12 August 2002
BUK7907-55AIE NXP-BUK7907-55AIE Datasheet
217Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-9 February 2009
logo
Nexperia B.V. All right...
BUK7907-55AIE NEXPERIA-BUK7907-55AIE Datasheet
716Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 9 February 2009
More results

Similar Description - BUK7907-55AIE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com