Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD237 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BD237
Description  80V, NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD237 Datasheet(HTML) 3 Page - Unisonic Technologies

  BD237_15 Datasheet HTML 1Page - Unisonic Technologies BD237_15 Datasheet HTML 2Page - Unisonic Technologies BD237_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BD237
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R226-001.C
TYPICAL CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - BD237_15

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
Nanjing International G...
BD237-TU DGNJDZ-BD237-TU Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BD2378G-K08-5060-R UTC-BD2378G-K08-5060-R Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BD2378G-K08-5060-R UTC-BD2378G-K08-5060-R Datasheet
105Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE
More results

Similar Description - BD237_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BD237 UTC-BD237 Datasheet
113Kb / 3P
   80V, NPN TRANSISTORS
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
logo
Rohm
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
   Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com