Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD238G-T60-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BD238G-T60-K
Description  -80V, PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD238G-T60-K Datasheet(HTML) 2 Page - Unisonic Technologies

  BD238G-T60-K Datasheet HTML 1Page - Unisonic Technologies BD238G-T60-K Datasheet HTML 2Page - Unisonic Technologies BD238G-T60-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BD238
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R226-002.C
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Collector Power Dissipation
PC
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-1mA, IE=0
-100
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-100mA, IB=0
-80
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=-1mA, IE=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-100V, IE=0
-100
µA
Emitter Cut-Off Current
IEBO
VEB=-5V, IC=0
-1
mA
hFE(1)
VCE=-2V, IC=-150mA
40
DC Current Gain
hFE(2)
VCE=-2V, IC=-1A
25
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1A, IB=-100mA
-0.6
V
Transition Frequency
fT
VCE=-10V, IC=-250mA,
f=10MHz
3
MHz


Similar Part No. - BD238G-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BD238G-T6S-K UTC-BD238G-T6S-K Datasheet
109Kb / 3P
   -80V, PNP TRANSISTOR
More results

Similar Description - BD238G-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BD238 UTC-BD238 Datasheet
109Kb / 3P
   -80V, PNP TRANSISTOR
logo
Diodes Incorporated
BCX5316Q DIODES-BCX5316Q Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
logo
Rohm
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR574D3 ROHM-2SAR574D3 Datasheet
1Mb / 11P
   PNP -2.0A -80V Power Transistor
2SB1644J ROHM-2SB1644J Datasheet
373Kb / 7P
   PNP -4A -80V Power Transistor
2013.03 - Rev.A
logo
Diodes Incorporated
MMSTA56Q DIODES-MMSTA56Q Datasheet
403Kb / 5P
   80V PNP SMALL SIGNAL TRANSISTOR
logo
Rohm
2SAR574D3FRA ROHM-2SAR574D3FRA Datasheet
1Mb / 10P
   PNP -2.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
   PNP -5.0A -80V Middle Power Transistor
logo
SeCoS Halbleitertechnol...
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com