Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5182 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5182
Description  100?뭌 STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5182 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5182_15 Datasheet HTML 4Page - Texas Instruments TAS5182_15 Datasheet HTML 5Page - Texas Instruments TAS5182_15 Datasheet HTML 6Page - Texas Instruments TAS5182_15 Datasheet HTML 7Page - Texas Instruments TAS5182_15 Datasheet HTML 8Page - Texas Instruments TAS5182_15 Datasheet HTML 9Page - Texas Instruments TAS5182_15 Datasheet HTML 10Page - Texas Instruments TAS5182_15 Datasheet HTML 11Page - Texas Instruments TAS5182_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TAS5182
SLES045E - JUNE 2002 - REVISED MAY 2004
www.ti.com
8
SIMPLIFIED APPLICATION CONNECTION DIAGRAM (BRIDGE-TIED-LOAD CONFIGURATION)
55
30
56
29
49
51
52
54
LOAD
48
46
45
43
37
39
40
42
LOAD
36
34
33
31
50
53
47
44
38
41
35
32
Digital
Supply
Gate
Drive
Supply
10
11
12
13
14
15
16
17
18
19
20
21
22
23
6
7
8
9
4
24
3
28
PWM_AP_L
PWM_AM_L
VALID_L
PWM_BP_L
PWM_BM_L
PWM_AP_R
PWM_AM_R
VALID_R
PWM_BP_R
PWM_BM_R
TAS50XX
+
+
+
+
H-Bridge
Supply
H-Bridge
Supply
To UP
1
2
5
25
26
NTC
27
DHS_A
GHS_A
SHS_A
GLS_A
DHS_B
GHS_B
SHS_B
AP
AM
BM
BP
CP
CM
DM
DP
LOW/HIZ
DTC_HS
DTC_LS
OC_HIGH
VRFILT
TEMP
BST_A
SLS_A
GLS_B
SLS_B
BST_B
DHS_C
GHS_C
SHS_C
GLS_C
BST_C
SLS_C
SLS_D
BST_D
DHS_D
GHS_D
SHS_D
GLS_D
TAS5182
DVDD
DVSS
DVSS
GVSS
GVDD
GVDD
GVSS
NC
NC
NC
NC
NC
OC_LOW
H-Bridge
Supply
H-Bridge
Supply
H-Bridge
Supply
H-Bridge
Supply
ERR0
RESET_AB
RESET_CD
ERR1
SHUTDOWN
RESET
NOTE: Recommended power MOSFETs
International Rectifier IRFIZ24N (8 places)
For complete reference schematics contact Texas Instruments.


Similar Part No. - TAS5182_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182DCA TI-TAS5182DCA Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182DCA TI-TAS5182DCA Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182DCAR TI-TAS5182DCAR Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182DCARG4 TI-TAS5182DCARG4 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182IDCA TI-TAS5182IDCA Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
More results

Similar Description - TAS5182_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com