Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7575-100A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK7575-100A
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7575-100A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7575-100A_15 Datasheet HTML 2Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 3Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 9Page - NXP Semiconductors BUK7575-100A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BUK7575-100A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 July 2009
6 of 13
NXP Semiconductors
BUK7575-100A
N-channel TrenchMOS standard level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj =25°C
100
-
-
V
ID =0.25mA; VGS =0V; Tj =-55 °C
89
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 11
1-
-
V
ID =1mA; VDS = VGS; Tj =-55 °C;
see Figure 11
--4.4
V
ID =1mA; VDS = VGS; Tj =25°C;
see Figure 11
234
V
IDSS
drain leakage current
VDS =100 V; VGS =0V; Tj = 175 °C
-
-
500
µA
VDS =100 V; VGS =0V; Tj = 25 °C
-
0.05
10
µA
IGSS
gate leakage current
VDS =0V; VGS =20V; Tj = 25 °C
-
2
100
nA
VDS =0V; VGS =-20 V; Tj = 25 °C
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =13A; Tj = 175 °C;
see Figure 12 and 13
--187
m
VGS =10V; ID =13A; Tj =25°C;
see Figure 12 and 13
-64
75
m
Dynamic characteristics
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 15
-
907
1210
pF
Coss
output capacitance
-
127
150
pF
Crss
reverse transfer
capacitance
-
78
110
pF
td(on)
turn-on delay time
VDS =30V; RL =2.2 Ω; VGS =10V;
RG(ext) =5.6 Ω; Tj =25°C
-8
-
ns
tr
rise time
-
39
-
ns
td(off)
turn-off delay time
-
26
-
ns
tf
fall time
-
24
-
ns
LD
internal drain
inductance
from drain lead 6 mm from package to
centre of die; Tj =25°C
-4.5
-
nH
from contact screw on mounting base to
centre of die; Tj =25°C
-3.5
-
nH
LS
internal source
inductance
from source lead to source bond pad;
Tj =25°C
-7.5
-
nH
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 14
-
0.85
1.2
V
trr
reverse recovery time
IS =13A; dIS/dt = -100 A/µs; VGS =-10 V;
VDS =30V; Tj =25°C
-64
-
ns
Qr
recovered charge
-
120
-
nC


Similar Part No. - BUK7575-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7575-100A NXP-BUK7575-100A Datasheet
195Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-30 July 2009
logo
Inchange Semiconductor ...
BUK7575-100A ISC-BUK7575-100A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7575-100A NEXPERIA-BUK7575-100A Datasheet
310Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 30 July 2009
More results

Similar Description - BUK7575-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com