Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630B Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 1 Page - Texas Instruments

  TAS5630B_15 Datasheet HTML 1Page - Texas Instruments TAS5630B_15 Datasheet HTML 2Page - Texas Instruments TAS5630B_15 Datasheet HTML 3Page - Texas Instruments TAS5630B_15 Datasheet HTML 4Page - Texas Instruments TAS5630B_15 Datasheet HTML 5Page - Texas Instruments TAS5630B_15 Datasheet HTML 6Page - Texas Instruments TAS5630B_15 Datasheet HTML 7Page - Texas Instruments TAS5630B_15 Datasheet HTML 8Page - Texas Instruments TAS5630B_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PurePath
TM HD
Class-G Power Supply
Ref. Design
110 VAC
240 VAC
®
25 V–50 V
ANALOG
AUDIO
INPUT
12 V
PurePath
TM HD
TAS5630B
(2.1 Configuration)
3
OPA1632
´
±15 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5630B
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
TAS5630B 300-W Stereo and 400-W Mono PurePath™ HD Analog-Input Power Stage
1 Features
3 Description
The TAS5630B device is a high-performance analog-
1
PurePath™ HD Enabled Integrated Feedback
input class-D amplifier with integrated closed-loop
Provides:
feedback
technology
(known
as
PurePath
HD
Signal Bandwidth up to 80 kHz for High-
technology) with the ability to drive up to 300 W (1)
Frequency Content From HD Sources
stereo into 4-
Ω to 8-Ω speakers from a single 50-V
supply.
Ultralow 0.03% THD at 1 W into 4
Flat THD at All Frequencies for Natural Sound
PurePath HD technology enables traditional AB-
amplifier performance (< 0.03% THD) levels while
80-dB PSRR (BTL, No Input Signal)
providing the power efficiency of traditional class-D
> 100-dB (A-weighted) SNR
amplifiers.
Click- and Pop-Free Start-up
Unlike traditional class-D amplifiers, the distortion
Multiple Configurations Possible on the Same
curve does not increase until the output levels move
PCB With Stuffing Options:
into clipping.
Mono Parallel Bridge-Tied Load (PBTL)
PurePath HD technology enables lower idle losses,
Stereo Bridge-Tied Load (BTL)
making the device even more efficient. When coupled
with TI’s class-G power-supply reference design for
2.1 Single-Ended Stereo Pair and BTL
TAS563x, industry-leading levels of efficiency can be
Subwoofer
achieved.
Quad Single-Ended Outputs
Total Output Power at 10% THD+N
Device Information(1)
400 W in Mono PBTL Configuration
PART NUMBER
PACKAGE
BODY SIZE (NOM)
300 W per Channel in Stereo BTL
HSSOP (44)
15.90 mm × 11.00 mm
TAS5630B
Configuration
HTQFP (64)
14.00 mm × 14.00 mm
145 W per Channel in Quad Single-Ended
(1) For all available packages, see the orderable addendum at
Configuration
the end of the data sheet.
High-Efficiency Power Stage (> 88%) With 60-m
Typical TAS5630B Application Block Diagram
Output MOSFETs
Two Thermally Enhanced Package Options:
PHD (64-Pin QFP)
DKD (44-Pin PSOP3)
Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short-Circuit
Protection) With Error Reporting
EMI Compliant When Used With Recommended
System Design
2 Applications
Mini Combo System
AV Receivers
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high-performance
DVD Receivers
thermal interface material between the exposed package heat
slug and the heat sink should be used to achieve high output
Active Speakers
power levels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5630B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
More results

Similar Description - TAS5630B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com