Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7535-55A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BUK7535-55A
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7535-55A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUK7535-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 9Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 10Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 11Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 12Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 13Page - NXP Semiconductors BUK7535-55A_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BUK7535-55A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 27 January 2011
11 of 14
NXP Semiconductors
BUK7535-55A
N-channel TrenchMOS standard level FET
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BUK7535-55A v.2
20110127
Product data sheet
-
BUK7535_7635_55A v.1
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Type number BUK7535-55A separated from data sheet BUK7535_7635_55A v.1.
BUK7535_7635_55A v.1
20001110
Product specification
-
-


Similar Part No. - BUK7535-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7535-55A PHILIPS-BUK7535-55A Datasheet
313Kb / 15P
   TrenchMOS standard level FET
Rev. 01-10 November 2000
logo
Inchange Semiconductor ...
BUK7535-55A ISC-BUK7535-55A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7535-55A NEXPERIA-BUK7535-55A Datasheet
332Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 02 - 27 January 2011
More results

Similar Description - BUK7535-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com