Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5715 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5715_15 Datasheet HTML 3Page - Texas Instruments TAS5715_15 Datasheet HTML 4Page - Texas Instruments TAS5715_15 Datasheet HTML 5Page - Texas Instruments TAS5715_15 Datasheet HTML 6Page - Texas Instruments TAS5715_15 Datasheet HTML 7Page - Texas Instruments TAS5715_15 Datasheet HTML 8Page - Texas Instruments TAS5715_15 Datasheet HTML 9Page - Texas Instruments TAS5715_15 Datasheet HTML 10Page - Texas Instruments TAS5715_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
PIN FUNCTIONS (continued)
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
GND
29
P
Analog ground for power stage
GVDD_OUT
32
P
Gate drive internal regulator output
HPL
7
AO
Headphone PWM out (HPL) (leave floating if unused)
HPR
5
AO
Headphone PWM out (HPR) (leave floating if unused)
LRCLK
20
DI
5-V
Pulldown
Input serial audio data left/right clock (sample rate clock)
MCLK
15
DI
5-V
Pulldown
Master clock input
OSC_RES
16
AO
Oscillator trim resistor. Connect an 18-k
Ω 1% resistor to DVSSO.
OUT_A
1
O
Output, half-bridge A
OUT_B
46
O
Output, half-bridge B
OUT_C
39
O
Output, half-bridge C
OUT_D
36
O
Output, half-bridge D
PBTL
8
DI
Low means BTL or SE mode; high means PBTL mode. Information
goes directly to power stage.
PDN
19
DI
5-V
Pullup
Power down, active-low. PDN prepares the device for loss of power
supplies by shutting down the Noise Shaper and initiating PWM stop
sequence.
PGND_AB
47, 48
P
Power ground for half-bridges A and B
PGND_CD
37, 38
P
Power ground for half-bridges C and D
PLL_FLTM
10
AO
PLL negative loop filter terminal
PLL_FLTP
11
AO
PLL positive loop filter terminal
PVDD_A
2, 3
P
Power supply input for half-bridge output A
PVDD_B
44, 45
P
Power supply input for half-bridge output B
PVDD_C
40, 41
P
Power supply input for half-bridge output C
PVDD_D
34, 35
P
Power supply input for half-bridge output D
RESET
25
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic
low to this pin. RESET is an asynchronous control signal that
restores the DAP to its default conditions, and places the PWM in
the hard mute state (tristated).
SCL
24
DI
5-V
I2C serial control clock input
SCLK
21
DI
5-V
Pulldown
Serial audio data clock (shift clock). SCLK is the serial audio port
input data bit clock.
SDA
23
DIO
5-V
I2C serial control data interface input/output
SDIN
22
DI
5-V
Pulldown
Serial audio data input. SDIN supports three discrete (stereo) data
formats.
SSTIMER
6
AI
Controls ramp time of OUT_x to minimize pop. Leave this pin
floating for BD mode. Requires capacitor of 2.2 nF to GND in AD
mode. The capacitor determines the ramp time.
STEST
26
DI
Factory test pin. Connect directly to DVSS.
VR_ANA
12
P
Internally regulated 1.8-V analog supply voltage. This pin must not
be used to power external devices.
VR_DIG
18
P
Internally regulated 1.8-V digital supply voltage. This pin must not be
used to power external devices.
VREG
31
P
Digital regulator output. Not to be used for powering external
circuitry.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5715


Similar Part No. - TAS5715_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI1-TAS5715_14 Datasheet
3Mb / 75P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5715_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI1-TAS5715_14 Datasheet
3Mb / 75P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com