Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC29 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV320AIC29
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC29 Datasheet(HTML) 3 Page - Texas Instruments

  TLV320AIC29_15 Datasheet HTML 1Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 2Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
TLV320AIC29
SLAS494B − DECEMBER 2005 − REVISED OCTOBER 2007
www.ti.com
3
Terminal Functions
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
IOVDD
IO Supply
25
MIC_DETECT_IN
Microphone detect input
2
PWR_DN
Hardware power down
26
OUT32N
Receiver driver output
3
RESET
Hardware reset
27
SPK1
Headset driver output/receiver driver output
4
GPIO2
General purpose IO
28
SPK2
Headset driver output
5
GPIO1
General purpose IO
29
DRVDD
Headphone driver power supply
6
AVDD2
PLL analog power supply
30
SPKFC
Driver feedback/ speaker detect input
7
AVSS2
Analog ground
31
VGND/CP_OUTN
Virtual ground for audio output/Inverted output to
cell phone module
8
AVDD1
Audio ADC, DAC, reference,
SAR ADC analog power supply
32
DRVSS1
Driver ground
9
NC
No connect
33
OUT8N
Loudspeaker driver output
10
NC
No connect
34
BVDD
Battery power supply
11
NC
No connect
35
OUT8P
Loudspeaker driver output
12
NC
No connect
36
DRVSS2
Driver ground
13
AVSS1
Analog ground
37
DAV
Auxiliary data available output
14
VREF
Reference voltage for SAR
ADC
38
SS
SPI Slave select input
15
VBAT
Battery monitor input
39
MOSI
SPI Serial data input
16
AUX2
Secondary auxiliary input
40
MISO
SPI Serial data output
17
AUX1
First auxiliary input
41
SCLK
SPI Serial clock input
18
BUZZ_IN/CP_INN
Buzzer input/Inverting input
from cell phone module
42
MCLK
Master clock
19
CP_OUTP
Non−Inverted output to cell
phone module
43
SDOUT
Audio data output
20
CP_INP
Non−inverting input from cell
phone module
44
SDIN
Audio data input
21
MICIN_HND
Handset microphone input
45
WCLK
Audio word clock
22
MICBIAS_HND
Handset microphone bias
voltage
46
BCLK
Audio bit clock
23
MICIN_HED
Headset microphone input
47
DVDD
Digital core supply
24
MICBIAS_HED
Headset microphone bias
voltage
48
DVSS
Digital core and IO ground


Similar Part No. - TLV320AIC29_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC29_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com