Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1953 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1953
Description  Dual Output Low ESR Cap. Low-Dropout 600mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1953 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1953 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AIC1953
4
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 1V, VEN1=VEN2= VIN, TJ=25C, unless otherwise specified) (Note 1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input Voltage (Note 2)
VIN
1.6
6.0
V
Output Voltage Tolerance
VIN= 6.0V, IOUT = 1mA
VOUT
-2
2
%
Continuous Output Current
IOUT
600
mA
Quiescent Current
VEN2 = VEN1 = VIN
IQ
50
80
A
GND Pin Current
IOUT1 = 600mA & IOUT2 =
600mA, VEN2 = VEN1 = VIN
IGND
55
80
A
Standby Current
VEN1=VEN2= 0
ISTBY
0.1
A
Output Current Limit
VOUT = GND
IIL
650
950
mA
VOUT=1.8V
710
850
VOUT=2.5V
580
700
Dropout Voltage
IOUT = 600mA
VOUT=3.3V
VDROP
470
560
mV
Line Regulation
VIN = VOUT + 1V to 6V
V
LIR
3
16
mV
Load Regulation
IOUT = 1mA to 600mA
V
LOR
2
10
mV
Ripple Rejection
f=1kHz, Ripple=0.5Vp-p,
PSRR
70
dB
Output Noise Voltage
f= 10~100KHz
24
Vrms
Temperature Coefficient
TC
50
ppm/℃
Thermal Shutdown
Temperature
VIN = VOUT + 1V
150
Thermal Shutdown
Hysteresis
35
Note 1: Specifications are production tested at TA=25C. Specifications over the -40C to 85C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2: VIN(min) is the higher value of Vout + Dropout Voltage or 1.6V.


Similar Part No. - AIC1953

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
More results

Similar Description - AIC1953

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
169Kb / 4P
   DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
LR6XXYY UTC-LR6XXYY_14 Datasheet
219Kb / 5P
   DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
AIC1750 AIC-AIC1750 Datasheet
386Kb / 15P
   Dual Output Low ESR Cap. Low-Dropout
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
   600mA Low Dropout Linear Regulator
FP6132 FITIPOWER-FP6132 Datasheet
490Kb / 9P
   600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com