Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2802 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC2802
Description  3A 23V Synchronous PWM Step-Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2802 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC2802 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AIC2802
5
PIN DESCRIPTIONS
SOP-8 Pin No.
Pin Name
Pin Function
1
BS
High Side Gate Drive Boost Input. BS supplies the drive for the high-side N-
Channel MOSFET switch. Connect a 10nF or greater capaitor from SW to BS
to power the high-side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down con-
verter switches. Drive IN with a 4.5 to 23V power source. By pass IN to GND
with a suitably large capacitor to eliminate noise on the input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from switch to the output load. Note that a
capacitor is required from SW to BS to power the high-side switch.
4
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN
high to turn on the regulator. Drive it low to turn it off. For automatic strat-up,
attach to IN with a 100k
 pull up resistor.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive
feedback with a resistive voltage divider from the output voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network form COMP to GND to compensate the regula-
tion control loop. In some cases, an additional capacitor from COMP to GND is
required.
7
FB2
Feedback Input2. FB2 senses the output voltage 2 to regulate that voltage.
Drive feedback with a resistive voltage divider from the output voltage.
8
VCPU
To Driver the Mosfet for extra output voltage 2.
9
GND
Ground. Connect the exposed pad on backside.


Similar Part No. - AIC2802

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
   8-CHANNEL DARLINGTON DRIVERS
AIC2803CN AIC-AIC2803CN Datasheet
52Kb / 5P
   8-CHANNEL DARLINGTON DRIVERS
More results

Similar Description - AIC2802

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2823 AIC-AIC2823 Datasheet
526Kb / 10P
   3A 23V Synchronous PWM Step-Down Converter
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
   3A 23V Synchronous Step-Down Converter
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
   3A 23V Synchronous PWM/PSM Step-Down
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com