Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3106 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC3106
Description  TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3106 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC3106_15 Datasheet HTML 1Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 2Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3106_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV320AIC3106
SLAS509F – DECEMBER 2006 – REVISED DECEMBER 2014
TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
1 Features
Concurrent Digital Microphone and Analog
Microphone Support Available
1
Stereo Audio DAC
Extensive Modular Power Control
102-dBA Signal-to-Noise Ratio
Power Supplies:
16/20/24/32-Bit Data
Analog: 2.7 V–3.6 V.
Supports Rates From 8 kHz to 96 kHz
Digital Core: 1.65 V–1.95 V
3D/Bass/Treble/EQ/De-Emphasis Effects
Digital I/O: 1.1 V–3.6 V
Flexible Power Saving Modes and
Packages: 5.00 mm × 5.00 mm 80-pin VFBGA;
Performance are Available
7.00 mm × 7.00 mm 48-pin QFN
Stereo Audio ADC
92-dBA Signal-to-Noise Ratio
2 Applications
Supports Rates From 8 kHz to 96 kHz
Digital Cameras
Digital Signal Processing and Noise Filtering
Smart Cellular Phones
Available During Record
Ten Audio Input Pins
3 Description
Programmable in Single-Ended or Fully
The TLV320AIC3106 is a low-power stereo audio
codec with stereo headphone amplifier, as well as
Differential Configurations
multiple inputs and outputs programmable in single-
3-State Capability for Floating Input
ended or fully differential configurations. Extensive
Configurations
register-based power control is included, enabling
Seven Audio Output Drivers
stereo 48-kHz DAC playback as low as 15 mW from
a 3.3-V analog supply, making it ideal for portable
Stereo Fully Differential or Single-Ended
battery-powered audio and telephony applications.
Headphone Drivers
Fully Differential Stereo Line Outputs
The record path of the TLV320AIC3106 contains
integrated microphone bias, digitally controlled stereo
Fully Differential Mono Output
microphone preamplifier, and automatic gain control
Low Power: 15-mW Stereo 48-kHz Playback With
(AGC), with mix/mux capability among the multiple
3.3-V Analog Supply
analog inputs. Programmable filters are available
Ultralow-Power Mode with Passive Analog Bypass
during record which can remove audible noise that
can occur during optical zooming in digital cameras.
Programmable Input/Output Analog Gains
Automatic Gain Control (AGC) for Record
Device Information(1)
Programmable Microphone Bias Level
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Programmable PLL for Flexible Clock Generation
BGA MICROSTAR
5.00 mm x 5.00 mm
JUNIOR (80)
Control Bus Selectable SPI or I2C
TLV320AIC3106
VQFN (48)
7.00 mm x 7.00 mm
Audio Serial Data Bus Supports I2S, Left/Right-
Justified, DSP, and TDM Modes
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Alternate Serial PCM/I2S Data Bus for Easy
Connection to Bluetooth™ Module
4 Simplified Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV320AIC3106_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106-Q1 TI-TLV320AIC3106-Q1 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
TLV320AIC3106-Q1 TI-TLV320AIC3106-Q1_15 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IGQE TI-TLV320AIC3106IGQE Datasheet
1Mb / 99P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IGQE TI-TLV320AIC3106IGQE Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC3106_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3106 TI-TLV320AIC3106_V01 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com