Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3412 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC3412
Description  Low IQ High Light Load Efficiency
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3412 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC3412 Datasheet HTML 1Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 2Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AIC3412
5
TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
Fig. 9
Input Supply Current vs. Supply Voltage
Fig. 10
Output Current vs. Supply Voltage
Fig. 11
Load Transient
Fig. 12
Start up and Shutdown
Fig. 13
Output Voltage Ripple
2V/div.
20mV/div.
10mV/div.
1.2Vin/ 3.3Vout
Iout= 10mA~ 70mA
VOUT
IOUT
1.2Vin/ 3.3Vout, Iout= 10mA
VOUT, Ripple
ILX
50mA/div.
50mA/div.
2V/div.
100mA/div.


Similar Part No. - AIC3412

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
AIC3417 AIC-AIC3417 Datasheet
623Kb / 13P
   1.0A Synchronous Step-Up Converter
More results

Similar Description - AIC3412

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com