Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3107 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC3107
Description  TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3107 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC3107_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 9Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 10Page - Texas Instruments TLV320AIC3107_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
TLV320AIC3107
www.ti.com
SLOS545D – NOVEMBER 2008 – REVISED DECEMBER 2014
8.4 Thermal Information
TLV320AIC3107
THERMAL METRIC(1)
RSB
YZF
UNIT
40 PINS
42 PINS
RθJA
Junction-to-ambient thermal resistance
30.7
49.5
RθJC(top)
Junction-to-case (top) thermal resistance
16
0.1
RθJB
Junction-to-board thermal resistance
4.6
7.1
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.8
ψJB
Junction-to-board characterization parameter
4.5
7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Dissipation Ratings
(1)
TA = 25°C
DERATING
TA = 75°C
TA = 85°C
PACKAGE TYPE
POWER RATING
FACTOR
POWER RATING
POWER RATING
DSBGA(2)
1.60 W
20 mW/°C
600 mW
400 mW
QFN
2.35 W
29.4 mW/° C
882 mW
588 mW
(1)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a JEDEC standard 4-layer 3 in × 3 in PCB.
(2)
Product Preview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV320AIC3107


Similar Part No. - TLV320AIC3107_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107IRSBR TI-TLV320AIC3107IRSBR Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107IRSBR TI1-TLV320AIC3107IRSBR Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
TLV320AIC3107IRSBT TI-TLV320AIC3107IRSBT Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107IRSBT TI1-TLV320AIC3107IRSBT Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
TLV320AIC3107IYZFR TI1-TLV320AIC3107IYZFR Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
More results

Similar Description - TLV320AIC3107_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
logo
Texas Instruments
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com