Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC6164 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC6164
Description  1.5A Single Channel USB Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC6164 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC6164 Datasheet HTML 1Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 2Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 3Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 4Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 5Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 6Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 7Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 8Page - Analog Intergrations Corporation AIC6164 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AIC6164
3
Marking
Part No.
Package Code Package Type
Marking
Output Voltage
AIC6164-x
GV5
SOT23-5
HKFxG
x=0 for Active Low, x=1 for Active High
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)
7.0V
CTL Input (VCTL)
-0.3V ~7V
Operating Temperature Range
-40
C~85C
Junction Temperature
125
C
Storage Temperature Range
-65
C ~ 150C
Lead Temperature (Soldering, 10sec)
260
C
Thermal Resistance, θJA (Junction to Ambient) SOT-23-5
250
C/W
(Assume no Ambient Airflow, no Heatsink)
Thermal Resistance, θJC (Junction to Case)
SOT-23-5
115
C/W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.


Similar Part No. - AIC6164

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
AIC6166 AIC-AIC6166 Datasheet
854Kb / 11P
   Regulatory USB High-Side Power Switch
More results

Similar Description - AIC6164

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Analog Intergrations Co...
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com