Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3263 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV320AIC3263
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3263 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC3263_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 9Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 10Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 11Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 12Page - Texas Instruments TLV320AIC3263_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
TLV320AIC3263
www.ti.com
SLAS923 – JUNE 2013
Electrical Characteristics
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
AVDD1_18, AVDD2_18, AVDD4_18, AVDD_18 to AVSS1, AVSS2, AVSS4, AVSS respectively(2)
–0.3 to 2.2
V
RECVDD_33 to RECVSS
–0.3 to 3.9
V
DVDD to DVSS
–0.3 to 2.2
V
IOVDDx to IOVSS
–0.3 to 3.9
V
HVDD_18 to AVSS
–0.3 to 2.2
V
CPVDD_18 to CPVSS
–0.3 to 2.2
V
SVDD to SVSS, SPK_V to SVSS, and MICBIAS_VDD to AVSS3(3)
–0.3 to 6.0
V
Digital Input voltage to ground
IOVSS – 0.3 to IOVDDx +
V
0.3
Analog input voltage to ground
AVSS – 0.3 to AVDDx_18
V
+ 0.3
VBAT
–0.3 to 6
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–55 to 125
°C
Junction temperature (TJ Max)
105
°C
Power dissipation
(TJ Max – TA)/ θJA
W
θJA Junction-to-ambient thermal resistance
39.1
°C/W
θJCtop Junction-to-case (top) thermal resistance
0.1
WCSP-81 (DSBGA)
package (YZF)
θJB Junction-to-board thermal resistance
12.0
PsiJT Junction-to-top characterization parameter
0.7
PsiJB Junction-to-board characterization parameter
11.5
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
It's recommended to keep all AVDDx_18 supplies within ± 50 mV of each other.
(3)
It's recommended to keep SVDD and SPK_V supplies within ± 50 mV of each other.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
AVDD1_18,
Power Supply Voltage Range
Referenced to AVSS1, AVSS2, AVSS4, AVSS
1.5(2)
1.8
1.95
V
AVDD2_18,
respectively(1) It is recommended to connect each
AVDD4_18,
of these supplies to a single supply rail.
AVDD_18
RECVDD_33
Referenced to RECVSS
1.65(3)
3.3
3.6
IOVDD1,
Referenced to IOVSS(1)
1.1
3.6
IOVDD2,
IOVDD3
DVDD(4)
Power Supply Voltage Range
Referenced to DVSS(1)
1.26
1.8
1.95
CPVDD_18
Power Supply Voltage Range
Referenced to CPVSS (1)
1.26
1.8
1.95
V
HVDD_18
Referenced to AVSS(1)
Ground-centered
1.5(3)
1.8
1.95
Configuration
Unipolar
1.65(3)
1.95
Configuration
(1)
All grounds on board are tied together, so they should not differ in voltage by more than 0.1V max, for any combination of ground
signals. AVDDx_18 are within +/- 0.05 V of each other. SVDD and SPK_V are within +/- 0.05 V of each other.
(2)
For optimal performance with CM=0.9V, min AVDD = 1.8V.
(3)
Minimum voltage for HVDD_18 should be greater than or equal to AVDD2_18.
(4)
At DVDD values lower than 1.65V, the PLL and SAR ADC do not function. Please see table in SLAU475, Maximum TLV320AIC3263
Clock Frequencies for details on maximum clock frequencies.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV320AIC3263


Similar Part No. - TLV320AIC3263_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3263_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com