Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3226EIAZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3226EIAZ-T
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3226EIAZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3226EIAZ-T Datasheet HTML 6Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 7Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 8Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 9Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 10Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 11Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 12Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 13Page - Intersil Corporation ICL3226EIAZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Powerdown Functionality
This 3V family of RS-232 interface devices requires a
nominal supply current of 0.3mA during normal operation
(not in powerdown mode). This is considerably less than the
5mA to 11mA current required of 5V RS-232 devices. The
already low current requirement drops significantly when the
device enters powerdown mode. In powerdown, supply
current drops to 1
µA, because the on-chip charge pump
turns off (V+ collapses to VCC, V- collapses to GND), and
the transmitter outputs three-state. Inverting receiver outputs
may or may not disable in powerdown; refer to Table 2 for
details. This micro-power mode makes these devices ideal
for battery powered and portable applications.
Software Controlled (Manual) Powerdown
These devices allow the user to force the IC into the low
power, standby state, and utilize a two pin approach where
the FORCEON and FORCEOFF inputs determine the IC’s
mode. For always enabled operation, FORCEON and
FORCEOFF are both strapped high. To switch between
active and powerdown modes, under logic or software
control, only the FORCEOFF input need be driven. The
FORCEON state isn’t critical, as FORCEOFF dominates
over FORCEON. Nevertheless, if strictly manual control over
powerdown is desired, the user must strap FORCEON high
to disable the enhanced automatic powerdown circuitry.
ICL3244E inverting (standard) receiver outputs also disable
when the device is in powerdown, thereby eliminating the
possible current path through a shutdown peripheral’s input
protection diode (see Figures 2 and 3).
Connecting FORCEOFF and FORCEON together disables
the enhanced automatic powerdown feature, enabling them
to function as a manual SHUTDOWN input (see Figure 4).
With any of the above control schemes, the time required to
exit powerdown, and resume transmission is only 100
µs.
When using both manual and enhanced automatic
powerdown (FORCEON = 0), the ICL32XXE won’t power up
from manual powerdown until both FORCEOFF and
FORCEON are driven high, or until a transition occurs on a
receiver or transmitter input. Figure 5 illustrates a circuit for
ensuring that the ICL32XXE powers up as soon as
FORCEOFF switches high. The rising edge of the Master
Powerdown signal forces the device to power up, and the
ICL32XXE returns to enhanced automatic powerdown mode
an RC time constant after this rising edge. The time constant
isn’t critical, because the ICL32XXE remains powered up for
30 seconds after the FORCEON falling edge, even if there
are no signal transitions. This gives slow-to-wake systems
(e.g., a mouse) plenty of time to start transmitting, and as
long as it starts transmitting within 30 seconds both systems
remain enabled.
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ICL3244E
TRANSITION
RX
TX
R2OUTB
R2OUT
T1IN
FORCEOFF = GND
VCC
VCC
TO
R2IN
T1OUT
VOUT = HI-Z
POWERED
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL32XXE
MGT
LOGIC
UART
ICL3224E, ICL3226E, ICL3244E


Similar Part No. - ICL3226EIAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3226EIAZ-T INTERSIL-ICL3226EIAZ-T Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3226EIAZ-T RENESAS-ICL3226EIAZ-T Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3226EIAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com