Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3244ECA Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL3244ECA
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244ECA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL3244ECA Datasheet HTML 4Page - Intersil Corporation ICL3244ECA Datasheet HTML 5Page - Intersil Corporation ICL3244ECA Datasheet HTML 6Page - Intersil Corporation ICL3244ECA Datasheet HTML 7Page - Intersil Corporation ICL3244ECA Datasheet HTML 8Page - Intersil Corporation ICL3244ECA Datasheet HTML 9Page - Intersil Corporation ICL3244ECA Datasheet HTML 10Page - Intersil Corporation ICL3244ECA Datasheet HTML 11Page - Intersil Corporation ICL3244ECA Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Detailed Description
These ICL32XXE interface ICs operate from a single +3V to
+5.5V supply, guarantee a 250kbps minimum data rate,
require only four small external 0.1
µF capacitors, feature low
power consumption, and meet all ElA RS-232C and V.28
specifications. The circuit is divided into three sections: The
charge pump, the transmitters, and the receivers.
Charge-Pump
Intersil’s new ICL32XXE family utilizes regulated on-chip
dual charge pumps as voltage doublers, and voltage
inverters to generate
±5.5V transmitter supplies from a V
CC
supply as low as 3.0V. This allows these devices to maintain
RS-232 compliant output levels over the
±10% tolerance
range of 3.3V powered systems. The efficient on-chip power
supplies require only four small, external 0.1
µF capacitors
for the voltage doubler and inverter functions at VCC =3.3V.
See the “Capacitor Selection” section, and Table 3 for
capacitor recommendations for other operating conditions.
The charge pumps operate discontinuously (i.e., they turn off
as soon as the V+ and V- supplies are pumped up to the
nominal values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies, these
transmitters deliver true RS-232 levels over a wide range of
single supply system voltages.
Transmitter outputs disable and assume a high impedance
state when the device enters the powerdown mode (see
Table 2). These outputs may be driven to
±12V when
disabled.
All devices guarantee a 250kbps data rate for full load
conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL =3kΩ, and CL = 250pF, one
transmitter easily operates at 1Mbps.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Receivers
All the ICL32XXE devices contain standard inverting
receivers, but only the ICL3244E receivers can three-state,
via the FORCEOFF control line. Additionally, the ICL3244E
includes a noninverting (monitor) receiver (denoted by the
ROUTB label) that is always active, regardless of the state of
any control lines. Both receiver types convert RS-232 signals
to CMOS output levels and accept inputs up to
±25V while
presenting the required 3k
Ω to 7kΩ input impedance (see
Figure 1) even if the power is off (VCC = 0V). The receivers’
Schmitt trigger input stage uses hysteresis to increase noise
immunity and decrease errors due to slow input signal
transitions.
Receiver Skew
tPHL - tPLH
25
-
50
-
ns
Transition Region Slew Rate
VCC =3.3V,
RL =3kΩ to 7kΩ,
Measured From 3V to -3V or -3V
to 3V
CL = 150pF to 1000pF
25
6
-
30
V/
µs
CL = 150pF to 2500pF
25
4
8
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
All Other Pins
Human Body Model
25
-
±3-
kV
NOTE:
2. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
ICL3224E, ICL3226E, ICL3244E


Similar Part No. - ICL3244ECA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244ECA INTERSIL-ICL3244ECA Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244ECA INTERSIL-ICL3244ECA Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3244ECA RENESAS-ICL3244ECA Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3244ECA-T INTERSIL-ICL3244ECA-T Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244ECA-T INTERSIL-ICL3244ECA-T Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244ECA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com