Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3179EFUZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3179EFUZ
Description  High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFUZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3179EFUZ Datasheet HTML 1Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 2Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 3Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 4Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL3179E, ISL3180E
3
FN6365.5
August 25, 2015
Submit Document Feedback
Pin Configurations
ISL3179E
(8 LD SOIC, MSOP)
TOP VIEW
ISL3179E
(10 LD DFN)
TOP VIEW
ISL3180E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
2
3
4
1
5
9
8
7
10
6
RO
RE
DE
DI
NC
VCC
NC
B/Z
A/Y
GND
EP
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Truth Table
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B/Z
A/Y
X
1101
X
1010
0
0
X
High-Z
High-Z
10
X
High-Z*
High-Z*
NOTE: *Shutdown Mode
Truth Table
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
≥ -0.05V
1
00
≤ -0.2V
0
0
0
Inputs Open/Shorted
1
11
X
High-Z
10
X
High-Z*
NOTE: *Shutdown Mode
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A-B ≥ -50mV, RO is high; If A-B ≤ -200mV, RO is low; RO = High if A and B are unconnected (floating) or shorted, or connected
to a terminated bus that is undriven.
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. If the Rx enable function isn’t required,
connect RE directly to GND.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high, and they are high impedance when DE is low. If the Tx
enable function isn’t required, connect DE to VCC through a 1kΩ or greater resistor.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection. This is also the potential of the DFN’s exposed metal pad.
A/Y
±16.5kV IEC61000 ESD protected RS-485/RS-422 level, noninverting receiver input and noninverting driver output. Pin is an input (A) if
DE = 0; pin is an output (Y) if DE = 1. ISL3179E only.
B/Z
±16.5kV IEC61000 ESD protected RS-485/RS-422 level, inverting receiver input and inverting driver output. Pin is an input (B) if DE = 0;
pin is an output (Z) if DE = 1. ISL3179E only.
A
±12kV HBM ESD protected RS-485/RS-422 level, noninverting receiver input. ISL3180E only.
B
±12kV HBM ESD protected RS-485/RS-422 level, inverting receiver input. ISL3180E only.
Y
±12kV HBM ESD protected RS-485/RS-422 level, noninverting driver output. ISL3180E only.
Z
±12kV HBM ESD protected RS-485/RS-422 level, inverting driver output. ISL3180E only.
VCC
System power supply input (3.0V to 3.6V).
NC
No internal connection.
EP
The exposed metal pad on the bottom of the DFN; connect to GND.


Similar Part No. - ISL3179EFUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179EFUZ INTERSIL-ISL3179EFUZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179EFUZ RENESAS-ISL3179EFUZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Similar Description - ISL3179EFUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com