Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4238EIR Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL4238EIR
Description  QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4238EIR Datasheet(HTML) 2 Page - Intersil Corporation

  ISL4238EIR Datasheet HTML 1Page - Intersil Corporation ISL4238EIR Datasheet HTML 2Page - Intersil Corporation ISL4238EIR Datasheet HTML 3Page - Intersil Corporation ISL4238EIR Datasheet HTML 4Page - Intersil Corporation ISL4238EIR Datasheet HTML 5Page - Intersil Corporation ISL4238EIR Datasheet HTML 6Page - Intersil Corporation ISL4238EIR Datasheet HTML 7Page - Intersil Corporation ISL4238EIR Datasheet HTML 8Page - Intersil Corporation ISL4238EIR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN8038.5
May 13, 2010
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
CONFIG.
QFN PKG.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
MANUAL
POWER-
DOWN?
ENHANCED
AUTOMATIC
POWER-
DOWN
FUNCTION?
ISL4238E
5
3
DCE
5x5
1
250
No
Yes
Yes
ISL4244E
3
5
DTE
5x5
1
250
No
Yes
Yes
ISL4245E
3
5
DTE
5x5
1
1000
No
Yes
Yes
Ordering Information
PART NUMBER
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL4238EIR
ISL 4238EIR
-40 to +85
32 Ld 5X5 QFN
L32.5x5B
ISL4238EIRZ
(Note)
ISL4238 EIRZ
-40 to +85
32 Ld 5X5 QFN
(Pb-Free)
L32.5x5B
ISL4238EIR-T*
ISL 4238EIR
-40 to +85
32 Ld 5X5 QFN
Tape & Reel
L32.5x5B
ISL4238EIRZ-T*
(Note)
ISL4238 EIRZ
-40 to +85
32 Ld 5X5 QFN
Tape & Reel, (Pb-Free)
L32.5x5B
ISL4244EIR
ISL 4244EIR
-40 to +85
32 Ld 5X5 QFN
L32.5x5B
ISL4244EIRZ
(Note)
ISL4244 EIRZ
-40 to +85
32 Ld 5X5 QFN
(Pb-free)
L32.5x5B
ISL4244EIR-T*
ISL 4244EIR
-40 to +85
32 Ld 5X5 QFN
Tape & Reel
L32.5x5B
ISL4244EIRZ-T*
(Note)
ISL4244 EIRZ
-40 to +85
32 Ld 5X5 QFN
Tape & Reel, (Pb-Free)
L32.5x5B
ISL4245EIR
ISL 4245EIR
-40 to +85
32 Ld 5X5 QFN
L32.5x5B
ISL4245EIRZ
(Note)
ISL4245 EIRZ
-40 to +85
32 Ld 5X5 QFN
(Pb-Free)
L32.5x5B
ISL4245EIR-T*
ISL 4245EIR
-40 to +85
32 Ld 5X5 QFN
Tape & Reel
L32.5x5B
ISL4245EIRZ-T*
(Note)
ISL4245 EIRZ
-40 to +85
32 Ld 5X5 QFN
Tape & Reel, (Pb-Free)
L32.5x5B
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL4238E, ISL4244E, ISL4245E


Similar Part No. - ISL4238EIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238EIR RENESAS-ISL4238EIR Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR-T INTERSIL-ISL4238EIR-T Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238EIR-T RENESAS-ISL4238EIR-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIRZ INTERSIL-ISL4238EIRZ Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Similar Description - ISL4238EIR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com