Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21010CFH320Z-T7A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL21010CFH320Z-T7A
Description  Micropower Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010CFH320Z-T7A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL21010CFH320Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 10Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 11Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 12Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 13Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 14Page - Intersil Corporation ISL21010CFH320Z-T7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ISL21010
11
FN7896.3
January 8, 2015
Submit Document Feedback
FIGURE 14. DROPOUT (10mA SOURCED LOAD)
FIGURE 15. DROPOUT ZOOMED (10mA SOURCED LOAD)
FIGURE 16. VOUT vs TEMPERATURE
FIGURE 17. SHORT CIRCUIT TO GND
FIGURE 18. VOUT vs NOISE, 0.1Hz TO 10Hz
Typical Performance Characteristics Curves (VOUT = 1.024V)
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified. (Continued)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VIN (V)
1.0220
1.0225
1.0230
1.0235
1.0240
1.80
1.85
1.90
1.95
2.00
2.05
2.10
VDROPOUT ~826mV
1mV
VIN (V)
1.0205
1.0210
1.0215
1.0220
1.0225
1.0230
1.0235
1.0240
1.0245
1.0250
1.0255
-55
-35
-15
5
25
45
65
85
105
125
145
TEMPERATURE (°C)
TYPICAL TEMPERATURE COEFFICIENT FOR 10 UNITS
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
+125°C
+25°C
-40°C
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
8
9
10
TIME (s)


Similar Part No. - ISL21010CFH320Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21010CFH320Z-T7A RENESAS-ISL21010CFH320Z-T7A Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

Similar Description - ISL21010CFH320Z-T7A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com