Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL26712IHZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL26712IHZ-T
Description  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26712IHZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL26712IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL26712IHZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL26712, ISL26710, ISL26708
7
FN7999.3
September 5, 2012
IDD
Positive Supply Input Current
Static
11
1
µA
Dynamic
3V
1250
1250
1250
µA
5V
1700
1700
1700
µA
Power Dissipation
Static Mode
VDD = 3V
333
µW
VDD = 5V
555
µW
Dynamic
VDD = 3V, fsmpl =1MSPS
3.75
3.75
3.75
mW
VDD = 5V, fsmpl =1MSPS
8.50
8.50
8.50
mW
NOTES:
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
11. The absolute voltage applied to each analog input must be between GND and VDD to guarantee datasheet performance.
Electrical Specifications VDD = +3.0V to +3.6V, FSCLK = 18MHz, FS = 1MSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, FSCLK = 18MHz,
FS =1MSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
ISL26712
ISL26710
ISL26708
UNITS
MIN
(Note 10)
TYP
MAX
(Note 10)
MIN
(Note 10)
TYP
MAX
(Note 10)
MIN
(Note 10)
TYP
MAX
(Note 10)
Timing Specifications
VDD = 3.0V to 3.6V, fSCLK = 18MHz, fS = 1MSPS, VREF = 2.0V; VDD = 4.75V to 5.25V, fSCLK =18MHz,
fS =1MSPS, VREF =2.5V; VCM = VREF unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
(Note 12)
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS
fSCLK
Clock Frequency
0.01
18
MHz
tSCLK
Clock Period
55
ns
tACQ
Acquisition Time (Note 13)
ns
tCONV
Conversion Time
888
ns
tCSW
CS Pulse Width
10
ns
tCSS
CS Falling Edge to SCLK Falling Edge Setup Time
10
ns
tCDV
CS Falling Edge to SDATA Valid
20
ns
tCLKDV
SCLK Falling Edge to SDATA Valid
40
ns
tSDH
SCLK Falling Edge to SDATA Hold
10
ns
tSW
SCLK Pulse Width
0.4 x tSCLK
0.6 x tSCLK
ns
tDISABLE
CSB Rising Edge to SDATA Disable Time
(Note 14)
Extrapolated back to true bus relinquish
10
35
ns
tQUIET
Quiet Time Before Sample
60
ns
NOTES:
12. Limits established by characterization and are not production tested.
13. See “ACQUISITION TIME” on page 17.
14. During characterization, tDISABLE is measured from the release point with a 10pF load (see Figure 4).


Similar Part No. - ISL26712IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26712IHZ-T INTERSIL-ISL26712IHZ-T Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712IHZ-T RENESAS-ISL26712IHZ-T Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IHZ-T7A INTERSIL-ISL26712IHZ-T7A Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712IHZ-T7A RENESAS-ISL26712IHZ-T7A Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

Similar Description - ISL26712IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com