Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL33001MSOPEVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL33001MSOPEVAL1Z
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33001MSOPEVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL33001MSOPEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL33001, ISL33002, ISL33003
3
FN7560.6
July 11, 2014
Submit Document Feedback
ISL33003
(8 LD TDFN)
TOP VIEW
ISL33003
(8 LD MSOP)
TOP VIEW
Pin Descriptions
PIN NAME
PIN
NUMBER
FUNCTION
NOTES
VCC1
8VCC1 power supply, +2.3V to +5.5V. Decouple VCC1 to ground with a high frequency
0.01µF to 0.1µF capacitor.
VCC2
1VCC2 power supply, +2.3V to +5.5V. Decouple VCC2 to ground with a high frequency
0.01µF to 0.1µF capacitor. In level shifting applications, SDA_OUT and SCL_OUT logic
thresholds are referenced to VCC2 supply levels. Connect pull-up resistors on these
pins to VCC2.
ISL33002 (8 LD TDFN, 8 LD MSOP)
ISL33003 (8 LD TDFN, 8 LD MSOP)
GND
4
Device Ground Pin
EN
1
Buffer Enable Pin. Logic “0” disables the device. Logic “1” enables the device. Logic
threshold referenced to VCC1.
ISL33001 (8 LD TDFN, 8 LD SOIC, MSOP)
5
ISL33003 (8 LD TDFN, 8 LD MSOP)
READY
5
Buffer active ‘Ready’ open drain logic output. When buffer is active, READY is high
impedance. When buffer is inactive, READY is low impedance to ground. Connect to
10kΩ pull-up resistor to VCC1.
ISL33001 only
ACC
5
Rise Time Accelerator Enable Pin. Logic “0” disables the accelerator. Logic “1”
enables the accelerator. Logic threshold referenced to VCC1.
ISL33002 only
SDA_IN
6
Data I/O Pins
SDA_OUT
7
SCL_IN
3
Clock I/O Pins
SCL_OUT
2
PAD
Thermal pad should be connected to ground or floated.
Thermal Pad; TDFN only
Pin Configurations (Continued)
3
2
1
GND 4
6
7
8
5
VCC1
EN
PAD
VCC2
SCL_IN
SCL_OUT
SDA_IN
SDA_OUT
6
7
8
5
3
2
1
4
VCC2
GND
VCC1
EN
SCL_IN
SCL_OUT
SDA_IN
SDA_OUT


Similar Part No. - ISL33001MSOPEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33001MSOPEVAL1Z INTERSIL-ISL33001MSOPEVAL1Z Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Renesas Technology Corp
ISL33001MSOPEVAL1Z RENESAS-ISL33001MSOPEVAL1Z Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

Similar Description - ISL33001MSOPEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com