Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL33002MSOPEVAL1Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL33002MSOPEVAL1Z
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33002MSOPEVAL1Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL33002MSOPEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
I2C Bus Buffer with Rise Time Accelerators and
Hot Swap Capability
ISL33001, ISL33002, ISL33003
The ISL33001, ISL33002, ISL33003 are 2-Channel Bus Buffers
that provide the buffering necessary to extend the bus
capacitance beyond the 400pF maximum specified by the I2C
specification. In addition, the ISL33001, ISL33002, ISL33003
feature rise time accelerator circuitry to reduce power
consumption from passive bus pull-up resistors and improve
data-rate performance. All devices also include hot swap circuitry
to prevent corruption of the data and clock lines when I2C devices
are plugged into a live backplane, and the ISL33002 and
ISL33003 add level translation for mixed supply voltage
applications. The ISL33001, ISL33002, ISL33003 operate at
supply voltages from +2.3V to +5.5V at a temperature range of
-40°C to +85°C.
Related Literature
• AN1543, “ISL33001MSOPEVAL1Z, ISL33002MSOPEVAL1Z,
ISL33003MSOPEVAL1Z Evaluation Board User’s Manual”
• AN1637, “Level Shifting Between 1.8V and 3.3V Using I2C
Buffers”
Features
•2 Channel I2C compatible bi-directional buffer
• +2.3VDC to +5.5VDC supply range
• >400kHz operation
• Bus capacitance buffering
• Rise time accelerators
• Hot swapping capability
• ±6kV Class 3 HBM ESD protection on all pins
• ±12kV HBM ESD protection on SDA/SCL pins
• Enable pin (ISL33001 and ISL33003)
• Logic level translation (ISL33002 and ISL33003)
• READY logic pin (ISL33001)
• Accelerator disable pin (ISL33002)
• Pb-free (RoHS Compliant) 8 Ld SOIC (ISL33001 only),
8 Ld TDFN (3mmx3mm) and 8 Ld MSOP packages
• Low quiescent current . . . . . . . . . . . . . . . . . . . . . . . 2.1mA typ
• Low shutdown current . . . . . . . . . . . . . . . . . . . . . . . . 0.5µA typ
Applications
•I2C bus extender and capacitance buffering
• Server racks for telecom, datacom, and computer servers
• Desktop computers
• Hot-swap board insertion and bus isolation
Summary of Features
PART
NUMBER
LEVEL
TRANSLATION
ENABLE
PIN
READY
PIN
ACCELERATOR
DISABLE
ISL33001
No
Yes
Yes
No
ISL33002
Yes
No
No
Yes
ISL33003
Yes
Yes
No
No
FIGURE 1. TYPICAL OPERATING CIRCUIT
FIGURE 2. BUS ACCELERATOR PERFORMANCE
GND
SDA
SCL
+3.3V
VCC2
µC
BACK
PLANE
ISL33003
EN
VCC1
+5.0V
DEVICE
SDA
SCL
I2C
DEVICE
A
B
I2C
TIME (2µs/DIV)
100kHz I2C BUS WITH 2.7kΩ PULL-UP RESISTOR
AND 400pF BUS CAPACITANCE
WITHOUT BUFFER
WITH BUFFER
July 11, 2014
FN7560.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC. 2010-2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL33002MSOPEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33002MSOPEVAL1Z INTERSIL-ISL33002MSOPEVAL1Z Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Renesas Technology Corp
ISL33002MSOPEVAL1Z RENESAS-ISL33002MSOPEVAL1Z Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

Similar Description - ISL33002MSOPEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com