Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78214ARZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL78214ARZ
Description  4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78214ARZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL78214ARZ Datasheet HTML 1Page - Intersil Corporation ISL78214ARZ Datasheet HTML 2Page - Intersil Corporation ISL78214ARZ Datasheet HTML 3Page - Intersil Corporation ISL78214ARZ Datasheet HTML 4Page - Intersil Corporation ISL78214ARZ Datasheet HTML 5Page - Intersil Corporation ISL78214ARZ Datasheet HTML 6Page - Intersil Corporation ISL78214ARZ Datasheet HTML 7Page - Intersil Corporation ISL78214ARZ Datasheet HTML 8Page - Intersil Corporation ISL78214ARZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL78214
2
FN7551.3
May 12, 2015
Submit Document Feedback
Pin Configuration
ISL78214
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL78214ARZ
782 14ARZ
-40 to +105
16 Ld 4x4 QFN
L16.4x4
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL78214. For more information on MSL please see techbrief TB363.
1
3
4
15
VIN
VIN
VDD
SYNCH
16
14
13
2
12
10
9
11
6
57
8
PGND
PGND
SGND
SGND
Refer to Application Note AN1366 for more layout suggestions.
PD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VIN
Input supply voltage. Connect a 10µF ceramic capacitor to power ground.
3
VDD
Input supply voltage for the analog circuitry. Connect to VIN pin.
5
EN
Regulator enable pin. Enable the output when driven to high. Shut down the chip and discharge output
capacitor when driven to low. Do not leave this pin floating.
7
PG
1ms timer output. At power-up or EN HI, this output is a 1ms delayed power-good signal for the output
voltage.
4
SYNCH
Mode Selection pin. Connect to logic high or input voltage VDD for PWM mode. Connect to logic low or
ground for PFM mode. Connect to an external function generator for synchronization with the negative
edge trigger. Do not leave this pin floating.
14, 15
LX
Switching node connection. Connect to one terminal of the inductor.
11, 12
PGND
Power ground
9, 10
SGND
Signal ground
8
VFB
Buck regulator output feedback. Connect to the output through a resistor divider for adjustable output
voltage. For 0.8V output voltage, connect this pin to the output.
6, 13, 16
NC
No connect
PD
Exposed Pad
The exposed pad must be connected to the SGND pin for proper electrical performance. Place as much
vias as possible under the pad connecting to SGND plane for optimal thermal performance.


Similar Part No. - ISL78214ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214ARZ RENESAS-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL78214ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023 Datasheet
628Kb / 19P
   3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com