Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78236ARZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL78236ARZ
Description  Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78236ARZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL78236ARZ Datasheet HTML 6Page - Intersil Corporation ISL78236ARZ Datasheet HTML 7Page - Intersil Corporation ISL78236ARZ Datasheet HTML 8Page - Intersil Corporation ISL78236ARZ Datasheet HTML 9Page - Intersil Corporation ISL78236ARZ Datasheet HTML 10Page - Intersil Corporation ISL78236ARZ Datasheet HTML 11Page - Intersil Corporation ISL78236ARZ Datasheet HTML 12Page - Intersil Corporation ISL78236ARZ Datasheet HTML 13Page - Intersil Corporation ISL78236ARZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL78236
10
FN8624.0
April 28, 2014
Submit Document Feedback
Typical Operating Performance for Dual PWM Operation
Unless otherwise noted, operating conditions are: TA = +25°C; VOUT1 = 1.8V; VOUT2 = 1.8V; IOUT1 = 0A to 3A; IOUT2 = 0A to 3A, L1 = L2 = 0.6µH,
COUT1 =2x22µF, COUT2 =2x22µF, FSW = 2.5MHz.
FIGURE 5. EFFICIENCY, VIN =3.3V, TA = +25°C
FIGURE 6. EFFICIENCY, VIN = 5V, TA = +25°C
FIGURE 7. POWER DISSIPATION, VIN = 3.3V, VOUT = 1.8V
FIGURE 8. POWER DISSIPATION, VIN = 5V, VOUT = 1.8V
FIGURE 9. LINE REGULATION, VOUT = 1.8V, TA = +25°C
FIGURE 10. LOAD REGULATION, VOUT = 1.8V, TA = +25°C
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
2.5VOUT
1.2VOUT
1.8VOUT
1.5VOUT
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
3.3VOUT
2.5VOUT
1.8VOUT
OUTPUT LOAD (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
T = +125°C
T = -40°C
T = +105°C
T = +25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT LOAD (A)
T = +125°C
T = -40°C
T = +105°C
T = +25°C
-0.05
0.00
0.05
0.10
0.15
0.20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
VOUT
REFERENCED FROM
VOUT AT VIN = 2.7V
6A LOAD
3A LOAD
0A LOAD
-7
-6
-5
-4
-3
-2
-1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT
REFERENCED FROM
VOUT AT IOUT = 0A
3.3VIN
5VIN


Similar Part No. - ISL78236ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78236ARZ RENESAS-ISL78236ARZ Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL78236ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com