Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78236CRSHEVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78236CRSHEVAL1Z
Description  Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78236CRSHEVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78236CRSHEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL78236CRSHEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ISL78236
6
FN8624.0
April 28, 2014
Submit Document Feedback
Pin Configuration
ISL78236
(24 LD QFN)
TOP VIEW
LX2
VIN2
VIN2
EN2
PG2
FB2
LX1
VIN1
VIN1
VDD
SS
EN1
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
25
PAD
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1, 24
LX2
Switching node connection for Channel 2.
4
EN2
Regulator Channel 2 enable pin. Enable the output, VOUT2, when driven to high. Shutdown VOUT2 and discharge output
capacitor when driven to low. Do not leave this pin floating.
5
PG2
Active high Power-Good (PG) indicator for Channel 2. After power-up or EN2 High, this output is a 1ms delayed
Power-Good signal for the Channel 2 output voltage.
6
FB2
The feedback network of the Channel 2 regulator. FB2 is the negative input to the transconductance error amplifier.
The output voltage is set by an external resistor divider from VOUT2 connected to FB2. The power-good output and
undervoltage lockout protection circuitry uses FB2 to monitor the Channel 1 regulator output voltage.
7
COMP
COMP pin is treated as a No Connect in dual output mode operation, using only the internal compensation. If the SS pin
is tied to a soft-start capacitor, external compensation is automatically used. An additional external network across
COMP and SGND is required to improve the loop compensation of the amplifier in parallel current sharing operation.
Connect an external RC network on COMP pin for parallel mode operation.
8
NC
No connect pin; please tie to GND for thermal relief.
9
FB1
The feedback network of the Channel 1 regulator. FB1 is the negative input to the transconductance error amplifier.
The output voltage is set by an external resistor divider from VOUT1 connected to FB1. The power-good output and
undervoltage lockout protection circuitry uses FB1 to monitor the Channel 1 regulator output voltage.
10
SGND
System ground.
11
PG1
Active high Power-Good (PG) indicator for Channel 1. After power-up or EN1 High, this output is a 1ms delayed
power-good signal for the Channel 1 output voltage.
12
SYNC
Connect to logic high or input voltage VIN. Connect to an external function generator for external synchronization.
Negative edge trigger. Do not leave this pin floating. Do not tie this pin low (or to SGND).
13
EN1
Regulator Channel 1 enable pin. Enable the output, VOUT1, when driven to high. Shut down VOUT1 and discharge
output capacitor when driven to low. Do not leave this pin floating.


Similar Part No. - ISL78236CRSHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78236CRSHEVAL1Z RENESAS-ISL78236CRSHEVAL1Z Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL78236CRSHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com