Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL267452IHZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL267452IHZ-T
Description  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452IHZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL267452IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 12Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 13Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 14Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL267452
11
FN8255.0
July 26, 2012
Analog Input
The ISL267452 features a fully differential input with a nominal
full-scale range equal to twice the applied VREF voltage. Each
input swings VREF VP-P, 180° out-of-phase from one another for
a total differential input of 2*VREF (refer to Figure 21).
Differential signaling offers several benefits over a single-ended
input, such as:
• Doubling of the full-scale input range (and therefore the
dynamic range)
• Improved even order harmonic distortion
• Better noise immunity due to common mode rejection
Figure 22 shows the relationship between the reference voltage
and the full-scale input range for two different values of VREF.
Note that there is a trade-off between VREF and the allowable
common mode input voltage (VCM). The full-scale input range is
proportional to VREF; therefore the VCM range must be limited
for larger values of VREF in order to keep the absolute maximum
and minimum voltages on the VIN+ and VIN– pins within
specification. Figures 23 and 24 illustrate this relationship for 5V
and 3V operation, respectively. The dashed lines show the
theoretical VCM range based solely on keeping the VIN+ and
VIN– pins within the supply rails. Additional restrictions are
imposed due to the required headroom of the input circuitry,
resulting in practical limits shown by the shaded area.
Voltage Reference Input
An external low-noise reference voltage must be applied to the VREF
pin to set the full-scale input range of the converter. The reference
input accepts voltages ranging from 0.1V to 2.2V for 3V operation
and 0.1V to 3.5V for 5V operation. The device is specified with a
reference voltage of 2.5V for 5V operation and 2.0V for 3V
operation.
Figures 26 and 27 illustrate possible voltage reference options for
the ISL267452. Figure 26 uses the precision ISL21090 voltage
reference, which exhibits exceptionally low drift and low noise. The
ISL21090 must use a power supply greater than 4.7V. The VREF
input pin of the ISL267452 uses very low current, so the decoupling
capacitor can be small (0.1µF).
Figure 27 illustrates the ISL21010 voltage reference being used
with the ISL267452. The ISL21010 series voltage references have
higher noise and drift than the ISL26090 devices, but they consume
very low operating current and are excellent for battery-powered
applications.
FIGURE 21. DIFFERENTIAL INPUT SIGNALING
FIGURE 22. RELATIONSHIP BETWEEN VREF AND FULL-SCALE RANGE
ISL267452
VCM
VREFP-P
VREFP-P
VIN
+
VIN
3.0
5.0
2.0
1.0
4.0
VIN+
VIN–
VCM
2.0VP-P
VREF=2V
3.0
5.0
2.0
1.0
4.0
VIN+
VIN–
VCM
2.5VP-P
VREF=2.5V
t
V
t
V
FIGURE 23. RELATIONSHIP BETWEEN VREF AND VCM FOR VDD = 5V
FIGURE 24. RELATIONSHIP BETWEEN VREF AND VCM FOR VDD = 3V
3.0
5.0
2.0
1.0
4.0
VREF
VCM
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.25V
1.75V
4.25V
1.5
2.0
1.0
0.5
VREF
VCM
0.25 0.50 0.75 1.00
2.5
2.00
1.25 1.50 1.75
2.5
1.0V
2.0V


Similar Part No. - ISL267452IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T RENESAS-ISL267452IHZ-T Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T7A INTERSIL-ISL267452IHZ-T7A Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T7A RENESAS-ISL267452IHZ-T7A Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
More results

Similar Description - ISL267452IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com