Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL267817IBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL267817IBZ
Description  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817IBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL267817IBZ Datasheet HTML 2Page - Intersil Corporation ISL267817IBZ Datasheet HTML 3Page - Intersil Corporation ISL267817IBZ Datasheet HTML 4Page - Intersil Corporation ISL267817IBZ Datasheet HTML 5Page - Intersil Corporation ISL267817IBZ Datasheet HTML 6Page - Intersil Corporation ISL267817IBZ Datasheet HTML 7Page - Intersil Corporation ISL267817IBZ Datasheet HTML 8Page - Intersil Corporation ISL267817IBZ Datasheet HTML 9Page - Intersil Corporation ISL267817IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL267817
6
FN7877.2
April 19, 2012
tdDO
DCLOCK Falling Edge to Next DOUT Valid
35
150
ns
tDIS
CS/SHDN Rising Edge to DOUT Disable Time
See Note 10
40
50
ns
tEN
DCLOCK Falling Edge to DOUT Enabled
22
100
ns
tf
DCLOCK Fall Time
1
100
ns
tr
DCLOCK Rise Time
1
100
ns
NOTE:
10. During characterization, tDIS is measured from the release point with a 10pF load (see Figure 4) and the equivalent timing using the ADS7817 loading
(3kΩ, 100pF) is calculated.
Timing Specifications Limits established by characterization and are not production tested. +VCC = 5V, fDCLOCK =3.2MHz, fS = 200kSPS,
VREF =2.5V; VCM = VREF. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
FIGURE 3. SERIAL INTERFACE TIMING DIAGRAM
NOTES:
11. After completing the data transfer, additional clocks applied while CS/SHDN is low will result in the previous data being retransmitted LSB-first,
followed by indefinite transmission of zeros.
12. After completing the data transfer, additional clocks applied while CS/SHDN is low will result in indefinite transmission of zeros.
tSUCS
B10
B9
B8
B7
B6B5B4B3B2
B1
B0
B11
B10
B9B8
NULL
BIT
Hi-Z
Hi-Z
NULL
BIT
CS/SHDN
DCLOCK
DOUT
tCSD
tCYC
POWER
DOWN
tSMPL
tCONV
tDATA
tSUCS
B10
B9B8B7B6
B5
B4
B3
B2B1B0
B11
B10
B9
B8
NULL
BIT
Hi-Z
Hi-Z
CS/SHDN
DCLOCK
DOUT
tCSD
tCYC
POWER
DOWN
tSMPL
tCONV
tDATA
B1
B2
B3
B4
B5
B7
B6
B11
(MSB)
B11
(MSB)
Note 12
Note 11
FIGURE 4. EQUIVALENT LOAD CIRCUIT
OUTPUT
PIN
CL
10pF
+VCC
2.85k
RL


Similar Part No. - ISL267817IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817IBZ RENESAS-ISL267817IBZ Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results

Similar Description - ISL267817IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com