Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL00131-WCB11 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00131-WCB11
Description  SMD LED 0603 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00131-WCB11 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00131-WCB11_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Recommended Solder Pad Layout
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Water Clear Lens
nm
nm
Deg
Typ
Max
Min
Typ
PL00131-WCB11
Blue
InGaN
465
468
130°
3.3
3.5
36.0
57.0
Luminous
Intensity
@20mA (mcd)
PL00131 Series SMD LED 0603 Package
Features
*Flat Lens Thin Package 1.6 x 0.8 x 0.6mm
*Low Current Requirements
*High Light Output
*Compatible with IR Solder-Process
*Industry Standard Footprint
*4000 pcs per Reel
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<10µA) …………………….….………...…..…....……………... 5.0V
Max Forward Current …………..……….....……………………….……………. 20mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ……….…….……………..100mA
Operating Temperature Range ……………………………..….………...-40°C to +85°C
Storage Temperature Range …………………………….……..………...-40°C to +85°C
Reflow Soldering Temperature……...……..……….……….….….260°C for 10 seconds
Power Dissipation ..……………………………………………………………….84mW
Package Dimensions are in Millimeters. Tolerance is ± 0.1mm unless otherwise specified.
0.8
0.7
0.8
1.6
0.8
0.6
Cathode Mark
LED Die
1.0
1.0
0.3
0.8
0.3
0.3
11.17.14 REV2 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL00131-WCB11_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00131-WCB11 P-TEC-PL00131-WCB11 Datasheet
28Kb / 1P
   PL00131 Series SMD LED 0603 Package
More results

Similar Description - PL00131-WCB11_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00130-WCR27 P-TEC-PL00130-WCR27_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00133-WCG25 P-TEC-PL00133-WCG25_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00236-WCA02 P-TEC-PL00236-WCA02 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00236-WCR10 P-TEC-PL00236-WCR10 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00236-WCY08 P-TEC-PL00236-WCY08 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCG17 P-TEC-PL00230-WCG17 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCR10 P-TEC-PL00230-WCR10 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCY08 P-TEC-PL00230-WCY08 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00232-WCW03 P-TEC-PL00232-WCW03 Datasheet
27Kb / 1P
   SMD LED 0603 Package
PL00233-WCA04 P-TEC-PL00233-WCA04 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00233-WCB08 P-TEC-PL00233-WCB08 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com