Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9620-100B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9620-100B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9620-100B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK9620-100B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 10Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 11Page - NXP Semiconductors BUK9620-100B_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BUK9620-100B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2009
8 of 12
NXP Semiconductors
BUK9620-100B
N-channel TrenchMOS logic level FET
Fig 13. Source current as a function of source drain
voltage; typical values.
Fig 14. Gate charge waveform definitions
Fig 15. Gate-source voltage as a function of turn-on
gate charge; typical values.
Fig 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003a a c778
0
30
60
90
120
00.5
11.5
2
VSD (V)
IS
(A)
Tj = 25
°C
150
°C
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003a a c777
0
1
2
3
4
5
0
204060
QG (nC)
VGS
(V)
Tj = 25 °C
VDS = 80V
VDS = 14V
003a a c775
10
2
10
3
10
4
10
-1
1
10
10
2
VDS (V)
C
(pF)
Cis s
Crs s
Cos s


Similar Part No. - BUK9620-100B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9620-100B NXP-BUK9620-100B Datasheet
203Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-6 May 2009
logo
Nexperia B.V. All right...
BUK9620-100B NEXPERIA-BUK9620-100B Datasheet
703Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02 - 6 May 2009
More results

Similar Description - BUK9620-100B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com