Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0213 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA0213
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0213 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA0213_15 Datasheet HTML 3Page - Texas Instruments TPA0213_15 Datasheet HTML 4Page - Texas Instruments TPA0213_15 Datasheet HTML 5Page - Texas Instruments TPA0213_15 Datasheet HTML 6Page - Texas Instruments TPA0213_15 Datasheet HTML 7Page - Texas Instruments TPA0213_15 Datasheet HTML 8Page - Texas Instruments TPA0213_15 Datasheet HTML 9Page - Texas Instruments TPA0213_15 Datasheet HTML 10Page - Texas Instruments TPA0213_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPA0213
2W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D − JANUARY 2000 − REVISED NOVEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0.01
0.1
f = 20 kHz
VDD = 3 V
Stereo/SE
RL = 32 Ω
Gain = 1.9 dB
0.1
0.01
10
1
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
PO − Output Power − W
f = 20 Hz
f = 1 kHz
Figure 6
0.001
0.01
0.1
1
10
RL = 4 Ω
VDD = 5 V
Mono/BTL
f = 1 kHz
Gain = 8 dB
0.1
0.01
10
1
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
RL = 8 Ω
PO − Output Power − W
Figure 7
10
100
1k
10k 20k
Gain = 20 dB
VDD = 5 V
Mono/BTL
RL = 8 Ω
PO = 1 W
0.01
0.001
1
0.1
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
f − Frequency − Hz
Gain = 8 dB
Figure 8
0.001
0.01
0.1
1
2
VDD = 5 V
Mono/BTL
RL = 8 Ω
Gain = 8 dB
0.1
0.01
10
1
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
f = 20 kHz
f = 20 Hz
f = 1 kHz
PO − Output Power − W


Similar Part No. - TPA0213_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213DGQ TI-TPA0213DGQ Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213DGQ TI-TPA0213DGQ Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213DGQG4 TI-TPA0213DGQG4 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213DGQR TI-TPA0213DGQR Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213DGQRG4 TI-TPA0213DGQRG4 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Similar Description - TPA0213_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com