Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77629-51 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77629-51
Description  Multimode Multiband Power Amplifier Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77629-51 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77629-51 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77629-51 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. Phone [781] 376-3000 Fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com
203079A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • January 8, 2014
1
PRODUCT SUMMARY
SKY77629-51 Multimode Multiband Power Amplifier Module
for Quad-Band GSM/EDGE – Hepta-Band (I, II, III, IV, V, VIII,
and 20) WCDMA / HSDPA / HSUPA / HSPA+ / LTE
Applications
• Quad-band cellular handsets:
- Class 4 GSM850 / EGSM900
- Class 1 DCS1800 / PCS1900
- Class E2 GSM850 / EGSM900 / DCS1800 / PCS1900
- Class 12 multi-slot EGPRS
• Multiband 3G handsets
• CDMA/ WCDMA/ HSDPA/ HSUPA/ LTE -modulated handsets for
Bands I, II, III, IV, V, VIII
Features
• Hybrid architecture: separate GSM, WCDMA paths
• 50 ohm input and output impedances, integrated DC blocking
on all ports
• Separate single-ended GSM and WCDMA inputs and outputs
• CMOS-compatible, two-wire MIPI logic inputs (SCLK, SDATA)
• VCC stages for 2.5G can attach to battery or buck DC/DC
• Low capacitance VCC interface for 3G/4G supports Envelope
Tracking compatibility
• Optimized Low Power Mode for ultra-low quiescent current
• Small, low profile package:
- 7 mm x 5 mm x 0.9 mm
- 42-pad configuration
2.5G FEATURES:
- EGPRS Class 12 multi-slot operation
- Four RF POUT control levels using RFFE interface
- Linear PA with bias optimization for efficiency/linearity trade-
off in 8-PSK mode
3G FEATURES:
- WCDMA mode supports output power, bandwidth for
bands I, II, III, IV, V, VIII (and sub-bands IX, X, XVIII, IXX, XX,
XXVI) through an integrated band-select switch
- Digital bias optimization through RFFE interface for best
efficiency/linearity tradeoff
- Optimized for envelope tracking system
4G FEATURES:
- Optimized for Envelope Tracking system
- LTE supports output power bandwidth bands 1, 2, 3, 4, 5, 8
(and sub-bands 9, 10, 18, 19, 20, 26)
Description
The SKY77629-51 is a hybrid, multimode multiband (MMMB)
Power Amplifier Module (PAM) that supports 2.5G and 3G/4G
handsets and operates efficiently in GSM, EGPRS, EDGE, CDMA,
WCDMA, and LTE modes. The PAM consists of a GSM 800 / EGSM
900 PA block, a DCS1800 / PCS1900 PA block, separate WCDMA
blocks operating in low and high bands, a logic control block for
multiple power control levels, and band enable functions in both
cellular and UMTS. RF I/O ports are internally matched to 50
Ω to
minimize the number of external components. Extremely low
leakage current maximizes handset standby time. The
InGaP/GaAs die and passive components are mounted on a multi-
layer laminate substrate and the assembly encapsulated in plastic
overmold.
GSM/ EDGE: The SKY77629-51 uses a new compact architecture
supporting the GSM850, EGSM900, DCS1800 and PCS1900
bands. The PAM also supports 2.5G Class 12 Enhanced General
Packet Radio Service (EGPRS) multi-slot operation and EDGE
linear modulation.
WCDMA: The SKY77629-51 uses an enhanced architecture to:
support WCDMA, High-Speed Downlink Packet Access (HSDPA),
High-Speed Uplink Packet Access (HSUPA), and LTE modulations;
cover multiple bands for 3GPP, including bands I, II, IV, V, and VIII;
operate at different power modes. The module is fully controllable
via MIPI interface.
LTE: The SKY77629-51 meets spectral linearity requirements of
LTE modulation with QPSK/16QAM up to 20 MHz bandwidth,
including various resource block allocations, with good power-
added efficiency
Figure 1 is a functional block diagram of the SKY77629-51
module.


Similar Part No. - SKY77629-51

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77629-13 SKYWORKS-SKY77629-13 Datasheet
105Kb / 2P
   Hybrid architecture: separate GSM, WCDMA paths
SKY77629-21 SKYWORKS-SKY77629-21 Datasheet
102Kb / 2P
   Multimode Multiband Power Amplifier Module
More results

Similar Description - SKY77629-51

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77603 SKYWORKS-SKY77603 Datasheet
225Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77630 SKYWORKS-SKY77630 Datasheet
100Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77643-21 SKYWORKS-SKY77643-21 Datasheet
86Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77606 SKYWORKS-SKY77606 Datasheet
585Kb / 2P
   Multiband Multimode Power Amplifier Module
SKY77657-11 SKYWORKS-SKY77657-11 Datasheet
82Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77658-11 SKYWORKS-SKY77658-11 Datasheet
84Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77629 SKYWORKS-SKY77629 Datasheet
114Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77633 SKYWORKS-SKY77633 Datasheet
102Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77646 SKYWORKS-SKY77646 Datasheet
514Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77651-11 SKYWORKS-SKY77651-11 Datasheet
137Kb / 2P
   Multimode Multiband Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com