Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9607-30B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9607-30B
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9607-30B Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9607-30B_15 Datasheet HTML 1Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 2Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9607-30B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BUK9607-30B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 31 January 2011
4 of 14
NXP Semiconductors
BUK9607-30B
N-channel TrenchMOS logic level FET
VGS ≥ 5 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
03nn21
0
30
60
90
120
0
50
100
150
200
Tmb (
°C)
ID
(A)
Capped at 75 A due to package
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0
03nn19
VDS (V)
10−1
102
10
1
102
10
103
ID
(A)
1
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 10 μs
100
μs
Capped at 75 A due to package


Similar Part No. - BUK9607-30B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9607-30B PHILIPS-BUK9607-30B Datasheet
300Kb / 15P
   TrenchMOS logic level FET
Rev. 01-25 April 2003
logo
Inchange Semiconductor ...
BUK9607-30B ISC-BUK9607-30B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9607-30B NEXPERIA-BUK9607-30B Datasheet
819Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 31 January 2011
More results

Similar Description - BUK9607-30B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com