Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9606-55B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9606-55B
Description  N-channel TrenchMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9606-55B Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9606-55B_15 Datasheet HTML 1Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 2Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BUK9606-55B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 23 July 2009
4 of 13
NXP Semiconductors
BUK9606-55B
N-channel TrenchMOS FET
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
03nh83
1
10
10
2
10
3
10
-1
1
10
10
2
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 10
μs
100
μs
Capped at 75 A due to package


Similar Part No. - BUK9606-55B_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUK9606-55B ETC1-BUK9606-55B Datasheet
115Kb / 15P
   N-channel TrenchMOSTM logic level FET
logo
NXP Semiconductors
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
logo
Inchange Semiconductor ...
BUK9606-55B ISC-BUK9606-55B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9606-55B NEXPERIA-BUK9606-55B Datasheet
692Kb / 13P
   N-channel TrenchMOS FET
Rev. 04 - 23 July 2009
More results

Similar Description - BUK9606-55B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
   N-channel TrenchMOS FET
Rev. 03-25 February 2008
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
logo
NXP Semiconductors
BUK9506-55B NXP-BUK9506-55B Datasheet
195Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com