Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D1
Description  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2000D1 Datasheet HTML 1Page - Texas Instruments TPA2000D1 Datasheet HTML 2Page - Texas Instruments TPA2000D1 Datasheet HTML 3Page - Texas Instruments TPA2000D1 Datasheet HTML 4Page - Texas Instruments TPA2000D1 Datasheet HTML 5Page - Texas Instruments TPA2000D1 Datasheet HTML 6Page - Texas Instruments TPA2000D1 Datasheet HTML 7Page - Texas Instruments TPA2000D1 Datasheet HTML 8Page - Texas Instruments TPA2000D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings
(1)
Dissipation Rating Table
TPA2000D1-Q1
www.ti.com ........................................................................................................................................ SGLS137E – SEPTEMBER 2002 – REVISED OCTOBER 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
15
I
Analog ground
BYPASS
16
I
Connect capacitor to ground for BYPASS voltage filtering.
COSC
14
I
Connect capacitor to ground to set oscillation frequency.
GAIN0
4
I
Bit 0 of gain control (TTL logic level)
GAIN1
5
I
Bit 1 of gain control (TTL logic level)
INN
2
I
Negative differential input
INP
1
I
Positive differential input
OUTN
10
O
Negative BTL output
OUTP
7
O
Positive BTL output
PGND
8, 9
I
High-current grounds
PVDD
6, 11
I
High-current power supplies
ROSC
13
I
Connect resistor to ground to set oscillation frequency.
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal, and normal
SHUTDOWN
3
I
operation if a TTL logic high is placed on this terminal.
VDD
12
I
Analog power supply
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD, PVDD Supply voltage range
–0.3
5.5
V
VI
Input voltage range
–0.3
VDD + 0.3
V
Continuous total power dissipation
(see Dissipation Rating Table)
TA
Operating free-air temperature range
–40
105
°C
TJ
Operating junction temperature range
–40
115
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 105°C
PW
774 mW
6.19 mW/°C
495 mW
402 mW
279 mW
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2000D1-Q1


Similar Part No. - TPA2000D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1GQC TI-TPA2000D1GQC Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1GQCR TI-TPA2000D1GQCR Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1PW TI-TPA2000D1PW Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com