Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY85203-11 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY85203-11
Description  2.4 GHz, 802.11ac Switch-Low-Noise Amplifier Front-End
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85203-11 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY85203-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY85203-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET • SKY85203-11: WLAN SWITCH/LNA FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202958G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • July 15, 2015
3
Table 4. SKY85203-11 Electrical Specifications: DC Characteristics (Note 1)
(VDD = 3.6 V, TA = +25
C, All Unused Ports Terminated with 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Supply current
ICC
LNA enabled
Transmit/BT mode
Bypass mode
All off
11
8
8
8
14
12
12
12
mA
μA
μA
μA
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 5. SKY85203-11 Electrical Specifications: Transmit (ANT to TX) Characteristics (Note 1)
(VDD = 3.6 V, TA = +25
C, All Unused Ports Terminated with 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Frequency
f
2400
2500
MHz
Insertion loss
TXIL
Insertion loss from TX
input to ANT port
0.7
1.1
dB
1 dB input compression point (TX port)
IP1dB
+28
+31
dBm
Transmit input return loss (TX port)
S11
–15
–20
dB
Output return loss (ANT port)
S22
–12
–18
dB
ANT to RX isolation, TX (loopback) mode
42
dB
TX to ANT isolation @ 3.8 GHz: All other modes
RXISO
20
27
dB
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 6. SKY85203-11 Electrical Specifications: Transmit (ANT to BT) Characteristics (Note 1)
(VDD = 3.6 V, TA = +25
C, All Unused Ports Terminated with 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Frequency
f
2400
2500
MHz
Insertion loss
BTIL
Insertion loss from BT
input to ANT port
0.7
1.1
dB
1 dB input compression point (BT port)
IP1dB
+28
+31
dBm
Transmit input return loss (BT port)
S11
–15
–20
dB
Output return loss (ANT port)
S22
–15
–20
dB
BT to ANT isolation @ 3.8 GHz: All other modes
BTISO
20
25
dB
Note 1: Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - SKY85203-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85201-11 SKYWORKS-SKY85201-11 Datasheet
189Kb / 2P
   2.4 to 2.5 GHz SPDT Switch with Low-Noise Amplifier
More results

Similar Description - SKY85203-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21040 SKYWORKS-SKYA21040 Datasheet
154Kb / 2P
   2.4 GHz, 802.11ac Switch/Low-Noise Amplifier Front End
SKYA21041 SKYWORKS-SKYA21041 Datasheet
155Kb / 2P
   5 GHz, 802.11ac Switch/Low-Noise Amplifier Front End
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
   2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85608-11 SKYWORKS-SKY85608-11 Datasheet
652Kb / 9P
   5 GHz, 802.11ac Switch-Low-Noise Amplifier
SKY85004-11 SKYWORKS-SKY85004-11 Datasheet
186Kb / 2P
   2.4 GHz 802.11ac Power Amplifier
SKY85734-11 SKYWORKS-SKY85734-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85717-21 SKYWORKS-SKY85717-21 Datasheet
196Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85724-11 SKYWORKS-SKY85724-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com