Electronic Components Datasheet Search |
|
TPA2005D1-Q1 Datasheet(PDF) 6 Page - Texas Instruments |
|
TPA2005D1-Q1 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 29 page 0 10 20 30 40 50 60 70 80 90 0 0.2 0.4 0.6 0.8 1 1.2 VDD = 2.5 V, RL= 8 Ω, 33 µH VDD = 5 V, RL = 8 Ω, 33 µH Class-AB, VDD = 5 V, RL = 8 Ω PO - Output Power - W 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 0.2 0.4 0.6 0.8 1 1.2 PO - Output Power - W Class-AB, VDD = 5 V, RL = 8 Ω Class-AB, VDD = 3.6 V, RL = 8 Ω VDD = 3.6 V, RL = 8 Ω, 33 µH VDD = 5 V, RL = 8 Ω, 33 µH 0 10 20 30 40 50 60 70 80 90 100 0 0.1 0.2 0.3 0.4 0.5 0.6 PO - Output Power - W VDD = 3.6 RL = 32 Ω, 33 µH RL = 16 Ω, 33 µH RL = 8 Ω, 33 µH Class-AB, RL = 8 Ω 0 50 100 150 200 250 300 0 0.2 0.4 0.6 0.8 1 1.2 PO - Output Power - W VDD = 2.5 V, RL = 8 Ω, 33 µH VDD = 3.6 V, RL = 8 Ω, 33 µH VDD = 5 V, RL = 8 Ω, 33 µH 0 50 100 150 200 250 0 0.1 0.2 0.3 0.4 0.5 0.6 RL = 8 Ω, 33 µH VDD = 3.6 V RL = 32 Ω, 33 µH PO - Output Power - W 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 2.5 3 3.5 4 4.5 5 5.5 VDD − Supply Voltage − V No Load RL = 8 Ω, 33 µH 2.5 3 3.5 4 4.5 5 VDD - Supply Voltage - V RL = 8 Ω f = 1 kHz Gain = 2 V/V THD+N = 1% THD+N = 10% 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 VDD = 2.5 V VDD = 3.6 V VDD = 5 V Shutdown Voltage - V 0 0.2 0.4 0.6 0.8 1 1.2 1.4 8 12 16 20 28 RL - Load Resistance - Ω 32 24 f = 1 kHz THD+N = 1% Gain = 2 V/V VDD = 2.5 V VDD = 3.6 V VDD = 5 V TPA2005D1-Q1 SLOS474C – AUGUST 2005 – REVISED MARCH 2010 www.ti.com EFFICIENCY EFFICIENCY POWER DISSIPATION vs vs vs OUTPUT POWER OUTPUT POWER OUTPUT POWER Figure 1. Figure 2. Figure 3. SUPPLY CURRENT SUPPLY CURRENT QUIESCENT CURRENT vs vs vs OUTPUT POWER OUTPUT POWER SUPPLY VOLTAGE Figure 4. Figure 5. Figure 6. SHUTDOWN CURRENT OUTPUT POWER OUTPUT POWER vs vs vs SHUTDOWN VOLTAGE SUPPLY VOLTAGE LOAD RESISTANCE Figure 7. Figure 8. Figure 9. 6 Submit Documentation Feedback Copyright © 2005–2010, Texas Instruments Incorporated Product Folder Link(s): TPA2005D1-Q1 |
Similar Part No. - TPA2005D1-Q1_15 |
|
Similar Description - TPA2005D1-Q1_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |